Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9283 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD9283
Descripción Electrónicos  8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9283 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9283 Datasheet HTML 4Page - Analog Devices AD9283 Datasheet HTML 5Page - Analog Devices AD9283 Datasheet HTML 6Page - Analog Devices AD9283 Datasheet HTML 7Page - Analog Devices AD9283 Datasheet HTML 8Page - Analog Devices AD9283 Datasheet HTML 9Page - Analog Devices AD9283 Datasheet HTML 10Page - Analog Devices AD9283 Datasheet HTML 11Page - Analog Devices AD9283 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD9283
–10–
REV. B
Figure 24. Printed Circuit Board Ground Layer
Figure 25. Printed Circuit Board Bottom Side Copper
EVALUATION BOARD BILL OF MATERIALS — GS01717
#
QTY
REFDES
DEVICE
PACKAGE
VALUE
1
15
C1, C4–C17
Ceramic Cap
0603
0.1
µF
2
4
C18–C21
Tantalum Cap
BCAPTAJD
10
µF
3
24
E1–E6, E8–E10, E12–E19,
E21, E34–E39
W-HOLE
4
4
J1, J2, J3, J5
Connector
SMB
5
1
P1
5-Pin Connector
Wieland Connector
(P/N #25.602.2553.0 Top
P/N #Z5.530.0525.0 Bottom)
6
1
P2
37-Pin Connector
AMP-747462-2
7
5
R4, R9, R10, R21, R22
Resistor
1206
50
8
1
R7
Resistor
1206
25
9
1
R23
Resistor
1206
2K
10
1
T1
Transformer
Mini-Circuits T1-1T-KK81
11
1
U1
AD9283
SSOP-20
12
1
U3
AD9760
SOIC-28
13
1
U4
74ACQ574
SOIC-20
14
1
U5
SN74LVC86
SO14


Número de pieza similar - AD9283

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283 Datasheet
279Kb / 13P
   3V A/D Converter
AD9283BRS-100 AD-AD9283BRS-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283BRS-50 AD-AD9283BRS-50 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283BRS-80 AD-AD9283BRS-80 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
More results

Descripción similar - AD9283

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
207Kb / 12P
   8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
REV. C
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com