Nombre de pieza
         Descripción
MJE3439

 0.3 AMPERE POWER TRANSISTOR NPN SILICON 350 VOLTS 15 WATTS ( 4 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
MJE3439
3
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 77–08
TO–225AA TYPE
ISSUE V
STYLE 1:
PIN 1.
EMITTER
2.
COLLECTOR
3.
BASE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
–B–
–A–
M
K
F
C
Q
H
V
G
S
D
J
R
U
1
3
2
2 PL
M
A
M
0.25 (0.010)
B M
M
A
M
0.25 (0.010)
B M
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.425
0.435
10.80
11.04
B
0.295
0.305
7.50
7.74
C
0.095
0.105
2.42
2.66
D
0.020
0.026
0.51
0.66
F
0.115
0.130
2.93
3.30
G
0.094 BSC
2.39 BSC
H
0.050
0.095
1.27
2.41
J
0.015
0.025
0.39
0.63
K
0.575
0.655
14.61
16.63
M
5 TYP
5 TYP
Q
0.148
0.158
3.76
4.01
R
0.045
0.055
1.15
1.39
S
0.025
0.035
0.64
0.88
U
0.145
0.155
3.69
3.93
V
0.040
–––
1.02
–––
_
_
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MJ1002240 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE2360T0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS 1 2 3 4 Motorola, Inc
MJE5214 AMPERE POWER TRANSISTOR NPN SILICON 40 VOLTS 40 WATTS 1 2 3 4 Motorola, Inc
MJE130054 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 75 WATTS 1 2 3 4 5 MoreMotorola, Inc
BU323A16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE1300912 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJF47NPN SILICON POWER TRANSISTOR 1 AMPERE 250 VOLTS 28 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE3400.5 AMPERE POWER TRANSISTOR NPN SILICON 300 VOLTS 20 WATTS 1 2 3 4 Motorola, Inc
BUS5070 AMPERES NPN SILICON POWER TRANSISTOR 125 VOLTS BVCEO 350 WATTS 200 V BVCES 1 2 3 4 Motorola, Inc
MJ1000020 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS 1 2 3 4 5 MoreMotorola, Inc

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl