Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST1812XR101G631 Datasheet(PDF) 7 Page - MERITEK ELECTRONICS CORPORATION |
|
ST1812XR101G631 Datasheet(HTML) 7 Page - MERITEK ELECTRONICS CORPORATION |
7 / 10 page CARDBOARD TAPE DIMESIO EMBOSSED TAPE DIMENSIONS Size 0603 0805 1206 1210 Chip Thickness 0.80+0.15/-0.10 0.80+0.15/-0.10 1.25±0.10 1.25±0.20 0.80±0.10 0.95±±±±0.10 1.25±±±±0.10 1.60±±±±0.20 0.95±±±±0.10 1.25±±±±0.10 1.60±±±±0.20 2.00±±±±0.20 2.50±±±±0.40 A0 1.02+0.05/-0.10 1.50±0.10 <1.65 2.00±0.10 <2.00 <2.00 <3.05 <3.10 B0 1.80±0.10 2.30±0.10 <2.40 3.50±0.10 <3.60 <3.70 <3.80 <4.00 T 0.97±0.05 0.95±0.05 0.23±0.05 0.95±0.05 0.23±0.05 0.23±0.05 0.23±0.05 0.23±0.05 K0 - - <2.50 - <2.50 <2.50 <2.50 <3.50 W 8.00±0.10 8.00±0.10 8.00±0.10 8.00±0.10 8.00±0.10 8.00±0.10 8.00±0.10 8.00±0.10 P0 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.100 4.00±0.10 10xP0 40.00±0.20 40.00±0.20 40.00±0.20 40.00±0.20 40.00±0.20 40.00±0.20 40.00±0.20 40.00±0.20 P1 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 P2 2.00±0.05 2.00±0.05 2.00±0.05 2.00±0.05 2.00±0.05 2.00±0.05 2.00±0.05 2.00±0.05 D0 1.55±0.05 1.55±0.05 1.50±0.10/-0 1.55±0.05 1.50±0.10/-0 1.50±0.10/-0 1.50±0.10/-0 1.50±0.10/-0 D1 - - 1.00±0.10 - 1.00±0.10 1.00±0.10 1.00±0.10 1.00±0.10 E 1.75±0.05 1.75±0.05 1.75±0.10 1.75±0.10 1.75±0.10 1.75±0.10 1.75±0.10 1.75±0.10 F 3.50±0.05 3.50±0.05 3.50±0.05 3.50±0.05 3.50±0.05 3.50±0.05 3.50±0.05 3.50±0.05 Size 1812 1825 2220 2225 Chip Thickness 1.25±±±±0.10 1.60±±±±0.20 2.00±±±±0.20 2.50±±±±0.30 1.60±±±±0.20 2.00±±±±0.20 2.50±±±±0.30 1.60±±±±0.20 2.00±±±±0.20 2.50±±±±0.30 2.00±±±±0.20 2.50±±±±0.30 A0 <3.90 <3.90 <6.80 <6.80 <5.80 <5.80 <6.80 <6.80 B0 <5.30 <5.30 <5.30 <5.30 <6.50 <6.50 <6.50 <6.50 T 0.25±0.05 0.25±0.05 0.30±0.10 0.30±0.10 0.30±0.10 0.30±0.10 0.30±0.10 0.30±0.10 K0 <2.50 <3.00 <2.50 <3.10 <2.50 <3.10 <2.50 <3.10 W 12.0±0.20 12.0±0.20 12.0±0.20 12.0±0.20 12.0±0.20 12.0±0.20 12.0±0.20 12.0±0.20 P0 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 4.00±0.10 10xP0 40.00±0.20 40.00±0.20 40.00±0.20 40.00±0.20 40.00±0.20 40.00±0.20 40.00±0.20 40.00±0.20 P1 8.00±0.10 8.00±0.10 8.00±0.10 8.00±0.10 8.00±0.10 8.00±0.10 8.00±0.10 8.00±0.10 P2 2.00±0.05 2.00±0.05 2.00±0.05 2.00±0.05 2.00±0.05 2.00±0.05 2.00±0.05 2.00±0.05 D0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 1.50+0.10/-0 D1 1.50±0.10 1.50+/-0.10 1.50±0.10 1.50±0.10 1.50±0.10 1.50±0.10 1.50±0.10 1.50±0.10 E 1.75±0.10 1.75+/-0.1 1.75±0.1 1.75±0.10 1.75±0.1 1.75±0.10 1.75±0.10 1.75±0.10 F 5.50±0.05 5.50+/-0.05 5.50±0.05 5.50±0.05 5.50±0.05 5.50±0.05 5.50±0.05 5.50±0.05 Fig. 2 The dimension of paper tape Fig. 3 The dimension of plastic tape Soft Termination Multilayer Ceramic Chip Capacitors RoHS MERITEK ST Series Rev.7 |
Número de pieza similar - ST1812XR101G631 |
|
Descripción similar - ST1812XR101G631 |