Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX25875 Datasheet(PDF) 4 Page - Synaptics Incorporated.

No. de pieza CX25875
Descripción Electrónicos  Video Encoder with HDTV Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONEXANT [Synaptics Incorporated.]
Página de inicio  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX25875 Datasheet(HTML) 4 Page - Synaptics Incorporated.

  CX25875 Datasheet HTML 1Page - Synaptics Incorporated. CX25875 Datasheet HTML 2Page - Synaptics Incorporated. CX25875 Datasheet HTML 3Page - Synaptics Incorporated. CX25875 Datasheet HTML 4Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
features
and
specifications
www.conexant.com
General Information:
U.S. and Canada: (800) 854-8099
International: (949) 483-6996
Headquarters – Newport Beach
4311 Jamboree Rd, P.O. Box C
Newport Beach, CA 92660-3095
Order# 101812A
01-0916
© 2001, Conexant Systems, Inc. All Rights Reserved.
Conexant and the Conexant logo are trademarks
of Conexant Systems, Inc. Other trademarks are
owned by their respective owners. Although Conexant
strives for accuracy in all its publications, this material
may contain errors or omissions and is subject to
change without notice. THIS MATERIAL IS PROVIDED AS IS
AND WITHOUT ANY EXPRESS OR IMPLIED WARRANTIES,
INCLUDING MERCHANTABILITY, FITNESS FOR A PARTICULAR
PURPOSE AND NON-INFRINGEMENT.
Conexant shall not be
liable for any special, indirect, incidental or consequential
damages as a result of its use.
• HDTV output
• CGMS support
• Adaptive flicker filtering for enhanced
image and text sharpness
• 5-line vertical and horizontal
flicker filtering
• Supports any input resolution from
320 x 200 to 1024 x 768
• 48 automatic configuration modes
• Programmable power management
• Software-forward compatibility with
the CX25870 and CX25871
• Pin compatibility with the CX25872
and CX25873
• SCART
• WSS 16:9 (wide screen signaling)
support
• Macrovision 7.1.L1 copy protection
(CX25875 only)
• 525p/625p specification compliance
(CX25875 only)
• 10-bit DACs for superior picture quality
• Overscan compensation ratios
from 0 to 25%
• Serial programming interface
• Buffered crystal clock output
• NTSC/PAL/SECAM TV outputs:
– Interlaced or non-interlaced
– Composite
– S-video (Y/C)
– Simultaneous S-video and
Composite
YUV
• YCrCb non-interlaced input to
interlaced output
– 16-bit 4:2:2 multiplexed 8-bit input
– 24-bit 4:4:4 multiplexed 12-bit input
• RGB non-interlaced input to
interlaced output
– 15/16-bit multiplexed 8-bit input
– 24-bit multiplexed 12-bit input
• RGB non-interlaced input to RGB
non-interlaced output
– 15/16-bit multiplexed 8-bit input
– 24-bit multiplexed 12-bit input
• RGB or YCrCb interlaced input to
interlaced output
– CCIR656
– CCIR601/DVD
– VESA VIP
• 64-pin TQFP
Applications
• Desktop PCs
• Graphics cards
• Notebook computers
• Game consoles
• Digital television receiver cards
• Living room PCs
• Internet PCs
• Progressive DVD players
• Set-top boxes
Product Features


Número de pieza similar - CX25875

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Synaptics Incorporated.
CX25870 CONEXANT-CX25870 Datasheet
3Mb / 291P
   Video Encoder with Adaptive Flicker Filtering and HDTV Output
CX25871 CONEXANT-CX25871 Datasheet
3Mb / 291P
   Video Encoder with Adaptive Flicker Filtering and HDTV Output
More results

Descripción similar - CX25875

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Synaptics Incorporated.
CX25870 CONEXANT-CX25870 Datasheet
3Mb / 291P
   Video Encoder with Adaptive Flicker Filtering and HDTV Output
logo
Analog Devices
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
   Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com