Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFPHV001 Datasheet(PDF) 1 Page - Littelfuse

No. de pieza LFPHV001
Descripción Electrónicos  lFphv Dead-Front 10x38mm (Midget) fuse holders
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFPHV001 Datasheet(HTML) 1 Page - Littelfuse

  LFPHV001 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWR-GARD® Blocks and Holders Datasheet
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
Rev: 010913
1 of 1
.689
(17.5)
3.19
(81.0)
LFPHV
30A 1000V
LFPHV0001Z
2.55
(64.7)
.689
(17.5)
2.547
(64.7)
.157
(4.0)
Features/Benefits
• Finger-Safedesignofferspersonnelprotection
• Compactdesign
• 35mmDINRailMountable
• Nofusepullersortoolsrequiredforfuseremoval
• Indicationoptionavailable
• Contactfactoryformulti-poleconfigurations
• Approvedforfieldwiring
Specifications
Voltage Ratings
1000 VDC
Amperage Rating
30 A
SCCR Rating
33 kA
Terminal Type
Pressure Plate
Power Dissipation
3 W Maximum
Material
Thermoplastic
Flammability Rating
UL94 V-0
Approval
UL Listed (File No. E345481)
IEC 60269-1*
IEC 60269-4*
IEC 60269-2*
IEC 60269-6*
*with VDE verification
Environmental
RoHS compliant, Lead (Pb) free
Ordering Information
Web Resources
Samplerequests,downloadableCADdrawingsandother
technicalinformation:Littelfuse.com/lfphv
Moreinformationaboutsolarapplicationsandfuseholder
details:Littelfuse.com/Solar
Recommended Fuses
1000V10x38mm(midgetstyle)Fuses
LittelfuseSPFSolarSeries
LittelfuseFLUSeries
Description
TheLittelfuseLFPHVfuseholderisdesignedtohouse
1000V10x38mm(midgetstyle)fuses.Itisnotdesigned
forloadbreakbutisidealforisolatingphotovoltaicmodule
stringsformaintenanceandmeetsULrequirementsfor
1000Vsolarfuseprotection.
Dimensions Inches (mm)
TERMINAL TORQUE
NUMBER
OF WIRES WIRE TYPE
WIRE SIZE
TORQUE
1
90˚ Max
Cu Only
18 AWG-8 AWG
18-22 lb-in/ 2.03-2.49 N-m
1
90˚ Max
Cu Only
4 AWG-6 AWG
22-26 lb-in/ 2.49-2.94 N-m
2
90˚ Max
Cu Only
18 AWG-8 AWG
18-22 lb-in/ 2.03-2.49 N-m
†Must be the same cross-sectioned size
CATALOg
NUMBER
ORdERINg
NUMBER
POLES
PACK
QTY
INdICATION
LFPHV001
LFPHV0001Z
1
12
LFPHV001ID
LFPHV0001ZXID
1
12
lFphv DeaD-Front 10x38mm (MiDget) Fuse holDers
1000 V
1 of 1
look for this logo to indicate products that are used in solar applications. visit our website
www.littelfuse.com/solar for the latest updates on approvals, certifications, and new products.


Número de pieza similar - LFPHV001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LFPHV001 LITTELFUSE-LFPHV001 Datasheet
487Kb / 1P
   lFphv Dead-Front 10x38mm (Midget) fuse holders
LFPHV001ID LITTELFUSE-LFPHV001ID Datasheet
487Kb / 1P
   lFphv Dead-Front 10x38mm (Midget) fuse holders
More results

Descripción similar - LFPHV001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LFPHV LITTELFUSE-LFPHV Datasheet
487Kb / 1P
   lFphv Dead-Front 10x38mm (Midget) fuse holders
LFPSC LITTELFUSE-LFPSC Datasheet
286Kb / 1P
   LFPSC DEAD-FRONT FUSE HOLDERS
Rev: 032922
LFPSJ LITTELFUSE-LFPSJ_V01 Datasheet
235Kb / 1P
   LFPSJ POWR-SAFE DEAD FRONT CLASS J FUSE HOLDERS
Rev: 100719
FLQ LITTELFUSE-FLQ_V01 Datasheet
780Kb / 5P
   FLQ SERIES MIDGET (10x38mm) FUSES
Rev: 4-B-041217
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
   Fuse Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
   Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
   Fuse Holders
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
   Fuse Holders
logo
List of Unclassifed Man...
441-R347A-GR ETC2-441-R347A-GR Datasheet
76Kb / 2P
   Blade Fuse Holders
logo
Littelfuse
SPF002 LITTELFUSE-SPF002 Datasheet
246Kb / 2P
   Solar Rated Midget Fuse
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com