Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADF4110BRU Datasheet(PDF) 6 Page - Analog Devices |
|
ADF4110BRU Datasheet(HTML) 6 Page - Analog Devices |
6 / 24 page REV. 0 ADF4110/ADF4111/ADF4112/ADF4113 –6– –Typical Performance Characteristics FREQ-UNIT PARAM-TYPE DATA-FORMAT KEYWORD IMPEDANCE – OHMS GHz S MA R 50 FREQ MAGS11 ANGS11 1.05 0.9512 –40.134 1.10 0.93458 –43.747 1.15 0.94782 –44.393 1.20 0.96875 –46.937 1.25 0.92216 –49.6 1.30 0.93755 –51.884 1.35 0.96178 –51.21 1.40 0.94354 –53.55 1.45 0.95189 –56.786 1.50 0.97647 –58.781 1.55 0.98619 –60.545 1.60 0.95459 –61.43 1.65 0.97945 –61.241 1.70 0.98864 –64.051 1.75 0.97399 –66.19 1.80 0.97216 –63.775 FREQ MAGS11 ANGS11 0.05 0.89207 –2.0571 0.10 0.8886 –4.4427 0.15 0.89022 –6.3212 0.20 0.96323 –2.1393 0.25 0.90566 –12.13 0.30 0.90307 –13.52 0.35 0.89318 –15.746 0.40 0.89806 –18.056 0.45 0.89565 –19.693 0.50 0.88538 –22.246 0.55 0.89699 –24.336 0.60 0.89927 –25.948 0.65 0.87797 –28.457 0.70 0.90765 –29.735 0.75 0.88526 –31.879 0.80 0.81267 –32.681 0.85 0.90357 –31.522 0.90 0.92954 –34.222 0.95 0.92087 –36.961 1.00 0.93788 –39.343 Figure 2. S-Parameter Data for the ADF4113 RF Input (Up to 1.8 GHz) RF INPUT FREQUENCY – GHz 0 4 2 3 –35 0 –15 –20 –25 –30 –5 –10 1 VDD = 3V VP = 3V TA = +85 C TA = +25 C TA = –40 C 5 Figure 3. Input Sensitivity (ADF4113) –2kHz –1kHz 900MHz +1kHz +2kHz VDD = 3V, VP = 5V ICP = 5mA PFD FREQUENCY = 200kHz LOOP BANDWIDTH = 20kHz RES. BANDWIDTH = 10Hz VIDEO BANDWIDTH = 10Hz SWEEP = 1.9 SECONDS AVERAGES = 19 –91.0dBc/Hz REFERENCE LEVEL = –4.2dBm –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 Figure 4. ADF4113 Phase Noise (900 MHz, 200 kHz, 20 kHz) –2kHz –1kHz 900MHz +1kHz +2kHz VDD = 3V, VP = 5V ICP = 5mA PFD FREQUENCY = 200kHz LOOP BANDWIDTH = 20kHz RES. BANDWIDTH = 10Hz VIDEO BANDWIDTH = 10Hz SWEEP = 1.9 SECONDS AVERAGES = 19 REFERENCE LEVEL = –4.2dBm –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 –92.5dBc/Hz Figure 5. ADF4113 Phase Noise (900 MHz, 200 kHz, 20 kHz) with DLY and SYNC Enabled 10dB/DIVISION RL = –40dBc/Hz RMS NOISE = 0.52 100Hz FREQUENCY OFFSET FROM 900MHz CARRIER 1MHz 0.52 rms –90 –80 –70 –60 –50 –40 –100 –110 –120 –130 –140 Figure 6. ADF4113 Integrated Phase Noise (900 MHz, 200 kHz, 20 kHz, Typical Lock Time: 400 µs) 10dB/DIVISION RL = –40dBc/Hz RMS NOISE = 0.62 100Hz FREQUENCY OFFSET FROM 900MHz CARRIER 1MHz 0.62 rms –90 –80 –70 –60 –50 –40 –100 –110 –120 –130 –140 Figure 7. ADF4113 Integrated Phase Noise (900 MHz, 200 kHz, 35 kHz, Typical Lock Time: 200 µs) |
Número de pieza similar - ADF4110BRU |
|
Descripción similar - ADF4110BRU |