Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML322PZA473MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

No. de pieza ML322PZA473MLZ
Descripción Electrónicos  High Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML322PZA473MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML322PZA473MLZ Datasheet HTML 1Page - Coilcraft lnc. ML322PZA473MLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
Document ML763-1 Revised 01/07/11
Inductance2
DCR (Ohms)3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
typ
max
min
typ
10% drop 20% drop 30% drop
20°C rise 40°C rise
ML322PZA102MLZ
1.0
0.153
0.169
136
170
0.71
1.0
1.2
0.910
1.22
ML322PZA222MLZ
2.2
0.278
0.306
88
110
0.49
0.69
0.78
0.710
0.950
ML322PZA332MLZ
3.3
0.460
0.506
70
88
0.42
0.56
0.66
0.550
0.720
ML322PZA472MLZ
4.7
0.665
0.732
54
68
0.31
0.44
0.52
0.500
0.660
ML322PZA562MLZ
5.6
0.75
0.825
49
61
0.30
0.43
0.50
0.460
0.600
ML322PZA682MLZ
6.8
0.92
1.02
45
57
0.26
0.35
0.41
0.400
0.520
ML322PZA822MLZ
8.2
1.08
1.19
41
51
0.24
0.33
0.39
0.370
0.490
ML322PZA103MLZ
10.0
1.27
1.40
36
45
0.24
0.31
0.37
0.345
0.440
ML322PZA153MLZ
15.0
2.02
2.22
29.6
37
0.19
0.25
0.29
0.265
0.350
ML322PZA223MLZ
22.0
2.78
3.06
24.4
30.5
0.150
0.205
0.240
0.235
0.305
ML322PZA333MLZ
33.0
4.45
4.90
19.2
24.0
0.110
0.150
0.180
0.160
0.205
ML322PZA473MLZ
47.0
5.60
6.16
15.6
19.5
0.090
0.130
0.155
0.155
0.205
ML322PZA563MLZ
56.0
6.65
7.32
13.2
16.5
0.085
0.120
0.145
0.145
0.195
ML322PZA683MLZ
68.0
8.50
9.35
12.8
16.0
0.080
0.115
0.135
0.115
0.155
ML322PZA823MLZ
82.0
9.25
10.18
10.8
13.5
0.065
0.090
0.115
0.125
0.165
ML322PZA104MLZ
100.0
11.10
12.25
10.4
13.0
0.065
0.090
0.115
0.100
0.135
1. When ordering, please specify
testing code:
ML322PZA222MLZ
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
C = Custom screening (please specify when ordering)
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. Typical dc current at which the inductance drops the specified amount from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
2006 POWER INDUCTORS
HighReliabilityPowerInductors ML322PZA
Terminations Tin-silver over copper
Core material Composite
Weight 12 – 13 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000/7
″reel; 7500/13″ reel
Plastic tape: 8 mm wide, 0.28 mm thick, 4 mm pocket spacing,
0.76 mm pocket depth
High temperature materials allow operation in ambient
temperatures up to 155°C
Lowest profile, ultra-miniature, shielded power inductor
Soft saturation makes them ideal for VRM/VRD applications.
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.


Número de pieza similar - ML322PZA473MLZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
ML320G2 MITSUBISHI-ML320G2 Datasheet
142Kb / 4P
   LASER DIODES FOR INDUSTRIAL SYSTEMS
ML320G2-11 MITSUBISHI-ML320G2-11 Datasheet
142Kb / 4P
   LASER DIODES FOR INDUSTRIAL SYSTEMS
logo
MicroPower Direct, LLC
ML324D-05RU MPD-ML324D-05RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
ML324D-12RU MPD-ML324D-12RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
ML324D-15RU MPD-ML324D-15RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
More results

Descripción similar - ML322PZA473MLZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com