Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF206 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

No. de pieza UF206
Descripción Electrónicos  Ultra fast switching for high efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DEC [DIOTEC Electronics Corporation]
Página de inicio  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

UF206 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  UF206 Datasheet HTML 1Page - DIOTEC Electronics Corporation UF206 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF201 THRU UF207
RATINGS AND CHARACTERISTIC CURVES
0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
150 175
200
T , AMBIENT TEMPERATURE ( C)
A
Fig. 1 Forward Current Derating Curve
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig.2 Typical Forward Characteristics
UF201 - UF203
UF205 - UF207
UF204
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig.4 Typical Junction Capacitance
T = 25 C
j
f = 1.0MHz
°


Número de pieza similar - UF206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
UF206 PANJIT-UF206 Datasheet
66Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
UF206 CHONGQING-UF206 Datasheet
193Kb / 1P
   2.0AMPS. SILICON ULTRA FAST RECTIFIERS
logo
Transys Electronics
UF206 TRSYS-UF206 Datasheet
153Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Nanjing International G...
UF206 DGNJDZ-UF206 Datasheet
110Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Pan Jit International I...
UF206 PANJIT-UF206 Datasheet
35Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
More results

Descripción similar - UF206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIOTEC Electronics Corp...
HER601 DEC-HER601 Datasheet
899Kb / 2P
   Ultra fast switching for high efficiency
US2A DEC-US2A Datasheet
689Kb / 2P
   Ultra fast switching for high efficiency
HER101 DEC-HER101 Datasheet
830Kb / 2P
   Ultra fast switching for high efficiency
HER301 DEC-HER301 Datasheet
820Kb / 2P
   Ultra fast switching for high efficiency
logo
DONGGUAN YOU FENG WEI E...
UF4001 YFWDIODE-UF4001 Datasheet
93Kb / 2P
   Ultra Fast Switching Speed For High Efficiency
logo
DIOTEC Electronics Corp...
FR101 DEC-FR101 Datasheet
670Kb / 2P
   Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
   Fast switching for high efficiency
logo
Mospec Semiconductor
FR151 MOSPEC-FR151 Datasheet
211Kb / 3P
   Fast switching for high efficiency
logo
Surge Components
1N4933G-1N4937G SURGE-1N4933G-1N4937G Datasheet
1Mb / 2P
   Fast switching for high efficiency
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933_10 Datasheet
891Kb / 2P
   Fast switching for high efficiency
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com