Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1026 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADM1026
Descripción Electrónicos  Complete Thermal and System Management Controller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 3Page - Analog Devices ADM1026 Datasheet HTML 4Page - Analog Devices ADM1026 Datasheet HTML 5Page - Analog Devices ADM1026 Datasheet HTML 6Page - Analog Devices ADM1026 Datasheet HTML 7Page - Analog Devices ADM1026 Datasheet HTML 8Page - Analog Devices ADM1026 Datasheet HTML 9Page - Analog Devices ADM1026 Datasheet HTML 10Page - Analog Devices ADM1026 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
ADM1026
Rev. A | Page 7 of 56
Pin No.
Mnemonic
Type
Description
18
PWM
Digital Output
Open drain pulse width modulated output for control of the fan speed. This pin defaults
to high for the 100% duty cycle for use with NMOS drive circuitry. If a PMOS device is used
to drive the fan, the PWM output may be inverted by setting Bit 1 of Test Register 1 = 1.
19
RESETSTBY
Digital Output
Power-On Reset. 5 mA driver (weak 100 kΩ pull-up), active low output (100 kΩ pull-up)
with a 180 ms typical pulse width. RESETSTBY is asserted whenever 3.3 V STBY is below
the reset threshold. It remains asserted for approximately 180 ms after 3.3 V STBY rises
above the reset threshold.
20
RESETMAIN
Digital I/O
Power-On Reset. 5 mA driver (weak 100 kΩ pull-up), active low output (100 kΩ pull-up)
with a 180 ms typical pulse width. RESETMAIN is asserted whenever 3.3 V MAIN is below
the reset threshold. It remains asserted for approximately 180 ms after 3.3 V MAIN rises
above the reset threshold. If, however, 3.3 V STBY rises with or before 3.3 V MAIN, then
RESETMAIN remains asserted for 180 ms after RESETSTBY is deasserted. Pin 20 also
functions as an active low RESET input.
21
AGND
Ground
Ground pin for analog circuits.
22
3.3 V STBY
Power Supply
Supplies 3.3 V power. Also monitors the 3.3 V standby power rail.
23
DAC
Analog Output
0 V to 2.5 V output for analog control of the fan speed.
24
VREF
Analog Output
Reference Voltage Output. Can be selected as 1.8 V (default) or 2.5 V.
25
D1–/NTESTIN
Analog Input
Connected to a cathode of the first remote temperature sensing diode. If it is held high at
power-on, it activates the NAND tree test mode.
26
D1+
Analog Input
Connected to the anode of the first remote temperature sensing diode.
27
D2–/AIN9
Programmable
Connected to the cathode of the second remote temperature sensing diode, or the
analog input may be reconfigured as a 0 V− 2.5 V analog input.
28
D2+/AIN8
Programmable
Connected to the anode of the second remote temperature sensing diode, or the analog
input may be reconfigured as a 0 V − 2.5 V analog input.
29
VBAT
Analog Input
Monitors battery voltage, nominally +3 V.
30
+5 VIN
Analog Input
Monitors the +5 V supply.
31
−12 VIN
Analog Input
Monitors the
−12 V supply.
32
+12 VIN
Analog Input
Monitors the +12 V supply.
33
+VCCP
Analog Input
Monitors the processor core voltage (0 V to 3.0 V).
34
AIN7
Analog Input
General-purpose 0 V to 2.5 V analog inputs.
35
AIN6
Analog Input
General-purpose 0 V to 2.5 V analog inputs.
36
AIN5
Analog Input
General-purpose 0 V to 3 V analog inputs.
37
AIN4
Analog Input
General-purpose 0 V to 3 V analog inputs.
38
AIN3
Analog Input
General-purpose 0 V to 3 V analog inputs.
39
AIN2
Analog Input
General-purpose 0 V to 3 V analog inputs.
40
AIN1
Analog Input
General-purpose 0 V to 3 V analog inputs.
41
AIN0
Analog Input
General-purpose 0 V to 3 V analog inputs.
42
GPIO16/THERM
Digital I/O1
General-purpose I/O pin that can be configured as a digital input or output. Can also be
configured as a bidirectional THERM pin (100 kΩ pull-up).
43
GPIO15
Digital I/O1
General-purpose I/O pin that can be configured as a digital input or output.
44
GPIO14
Digital I/O1
General-purpose I/O pin that can be configured as a digital input or output.
45
GPIO13
Digital I/O1
General-purpose I/O pin that can be configured as a digital input or output.
46
GPIO12
Digital I/O1
General-purpose I/O pin that can be configured as a digital input or output.
47
GPIO11
Digital I/O1
General-purpose I/O pin that can be configured as a digital input or output.
48
GPIO10
Digital I/O1
General-purpose I/O pin that can be configured as a digital input or output.
1 GPIO pins are open drain and require external pull-up resistors. Fan inputs have integrated 10 kΩ pull-ups, but these pins become open drain when reconfigured as
GPIOs.


Número de pieza similar - ADM1026

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026 ONSEMI-ADM1026 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
ADM1026JST ONSEMI-ADM1026JST Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JST-REEL ONSEMI-ADM1026JST-REEL Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JST-REEL7 ONSEMI-ADM1026JST-REEL7 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
More results

Descripción similar - ADM1026

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
TPS99000S-Q1 TI-TPS99000S-Q1 Datasheet
4Mb / 85P
[Old version datasheet]   TPS99000S-Q1 System Management and Illumination Controller
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com