Nombre de pieza
         Descripción
MJH6282

 DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS ( 6 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
MJH6282 MJH6283 MJH6284 MJH6285 MJH6286 MJH6287
3
Motorola Bipolar Power Transistor Device Data
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.03
0.7
0.2
0.1
0.05
0.02
0.05
1.0
3.0
5.0
10
30
50
100
300
500
R
θJC(t) = r(t) RθJC
R
θJC = 0.78°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.1
0.5
0.2
1000
0.5
0.3
0.07
0.03
0.01
0.02
2.0
20
200
0.3
0.2
0.1
0.05
0.02
0.01
SECOND BREAKDOWN LIMIT
BONDING WIRE LIMITED
THERMAL LIMITATION
@ TC = 25°C
SINGLE PULSE
TJ = 150°C
0.5 ms
Figure 5. MJH6282, MJH6285
Figure 6. MJH6283, MJH6286
Figure 7. MJH6284, MJH6287
dc
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2.0
50
2.0
0.1
5.0
10
10
0.5
50
0.2
5.0
20
1.0
20
100
0.05
TJ = 150°C
dc
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2.0
50
2.0
0.1
5.0
10
10
0.5
50
0.2
5.0
20
1.0
20
100
0.05
TJ = 150°C
dc
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2.0
50
2.0
0.1
5.0
10
10
0.5
50
0.2
5.0
20
1.0
20
100
0.05
1.0 ms
5.0 ms
0.1 ms
0.5 ms
1.0 ms
5.0 ms
0.1 ms
0.5 ms
1.0 ms
5.0 ms
0.1 ms
SECOND BREAKDOWN LIMIT
BONDING WIRE LIMITED
THERMAL LIMITATION
@ TC = 25°C
SINGLE PULSE
SECOND BREAKDOWN LIMIT
BONDING WIRE LIMITED
THERMAL LIMITATION
@ TC = 25°C
SINGLE PULSE
FBSOA, FORWARD BIAS SAFE OPERATING AREA
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0
50
60
10
20
80
40
40
10
DUTY CYCLE = 10%
30
20
30
110
100
0
Figure 8. Maximum RBSOA, Reverse Bias
Safe Operating Area
L = 200
µH
IC/IB ≥ 100
TC = 25°C
VBE(off) = 0 – 5.0 V
RBE = 47 Ω
MJH6282, 6285
MJH6283, 6286
MJH6284, 6287
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 5, 6 and 7 is based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
v 150 _C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MJ250010 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS 1 2 3 4 Motorola, Inc
2N598912 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40 60 80 VOLTS 100 WATTS 1 2 3 4 Motorola, Inc
MJE2434 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE2702.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS 1 2 3 4 Motorola, Inc
MJF31C3.0 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 28 WATTS 1 2 3 4 5 MoreON Semiconductor
MJ1101230 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS 1 2 3 4 Motorola, Inc
MJ1101730 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1102850 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS 1 2 3 4 Motorola, Inc
BDX53BDARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS 1 2 3 4 5 MoreON Semiconductor
MJH1101715 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150 200 250 VOLTS 150 WATTS 1 2 3 4 5 MoreMotorola, Inc

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl