Nombre de pieza
         Descripción
MJW21192

 8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS ( 8 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 6 page
background image
MJW21192 MJW21191
6
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 340K–03
(TO–247AE)
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
R
P
A
K
V
F
D
G
U
L
E
0.25 (0.010) M TB M
0.25 (0.010) M YQ S
J
H
C
4
12
3
–T–
–B–
–Y–
–Q–
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
19.7
20.3
0.776
0.799
B
15.3
15.9
0.602
0.626
C
4.7
5.3
0.185
0.209
D
1.0
1.4
0.039
0.055
E
1.27 REF
0.050 REF
F
2.0
2.4
0.079
0.094
G
5.5 BSC
0.216 BSC
H
2.2
2.6
0.087
0.102
J
0.4
0.8
0.016
0.031
K
14.2
14.8
0.559
0.583
L
5.5 NOM
0.217 NOM
P
3.7
4.3
0.146
0.169
Q
3.55
3.65
0.140
0.144
R
5.0 NOM
0.197 NOM
U
5.5 BSC
0.217 BSC
V
3.0
3.4
0.118
0.134
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MJ150184.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS 1 2 3 4 Motorola, Inc
MJF15030COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE150328.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS 1 2 3 4 5 MoreMotorola, Inc
BU4067 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS 1 2 3 4 Motorola, Inc
2N598912 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40 60 80 VOLTS 100 WATTS 1 2 3 4 Motorola, Inc
MJE2434 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJF6388COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ250010 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS 1 2 3 4 Motorola, Inc
MJH6282DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 100 VOLTS 160 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJF31C3.0 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 28 WATTS 1 2 3 4 5 MoreON Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl