Nombre de pieza
         Descripción
MJW21192

 8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS ( 8 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
MJW21192 MJW21191
3
Motorola Bipolar Power Transistor Device Data
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion then the curves indicate.
The data of Figures 3 and 4 is based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 2.
At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
Figure 3. NPN — MJW21192
Safe Operating Area
Figure 4. PNP — MJW21191
Safe Operating Area
NPN — MJW21192
PNP — MJW21191
100 ms
10 ms
250 ms
100
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
1000
10
1.0
0.1
100
250 ms
100 ms
10 ms
100
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
10
1000
1.0
100
0.1
TYPICAL CHARACTERISTICS
Figure 5. NPN — MJW21192
VCE = 2.0 V DC Current Gain
Figure 6. PNP — MJW21191
VCE = 2.0 V DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
25
°C
50
°C
100
°C
1000
0.01
1.0
100
100
10
1.0
0.1
10
25
°C
50
°C
100
°C
1000
0.01
IC, COLLECTOR CURRENT (AMPS)
1.0
100
100
10
1.0
0.1
10
NPN — MJW21192
PNP — MJW21191
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MJ150184.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS 1 2 3 4 Motorola, Inc
MJF15030COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE150328.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS 1 2 3 4 5 MoreMotorola, Inc
BU4067 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS 1 2 3 4 Motorola, Inc
2N598912 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40 60 80 VOLTS 100 WATTS 1 2 3 4 Motorola, Inc
MJE2434 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJF6388COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ250010 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS 1 2 3 4 Motorola, Inc
MJH6282DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 100 VOLTS 160 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJF31C3.0 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 28 WATTS 1 2 3 4 5 MoreON Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl