Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDA110S Datasheet(PDF) 1 Page - IXYS Corporation

No. de pieza LDA110S
Descripción Electrónicos  Optocoupler, Bidirectional Input Darlington-Transistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDA110S Datasheet(HTML) 1 Page - IXYS Corporation

  LDA110S Datasheet HTML 1Page - IXYS Corporation LDA110S Datasheet HTML 2Page - IXYS Corporation LDA110S Datasheet HTML 3Page - IXYS Corporation LDA110S Datasheet HTML 4Page - IXYS Corporation LDA110S Datasheet HTML 5Page - IXYS Corporation LDA110S Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
Optocoupler, Bidirectional Input
Darlington-Transistor Output
www.ixysic.com
DS-LDA110-R06
1
LDA110
e3
Pb
Part Number
Description
LDA110
6-Pin DIP (50/tube)
LDA110S
6-Pin Surface Mount (50/tube)
LDA110STR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage - BV
CEO
30
V
P
Current Transfer Ratio
CTR (Typical)
8500
%
Saturation Voltage - V
CE (sat)
1V
Input Control Current - I
F
1mA
Applications
Features
Description
Ordering Information
Pin Configuration
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Loop Detect
Ringing Detect
Current Sensing
100mA Continuous Load Rating
3750V
rms Input/Output Isolation
Bidirectional Input
Small 6-Pin Package, Thru-Hole or Surface Mount
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Packaging Available
LDA110 is a bidirectional-input optocoupler with
a Darlington-transistor output. The LDA110 has a
minimum current transfer ratio (CTR) of 300% with a
maximum value of 30,000%.
Approvals
1
3
2
A/K
A/K
4
5
6
B
C
E
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 006


Número de pieza similar - LDA110S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Clare, Inc.
LDA110S CLARE-LDA110S Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA110S CLARE-LDA110S Datasheet
116Kb / 5P
   Bidirectional Input, Darlington Transistor Output Optocoupler
LDA110STR CLARE-LDA110STR Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA110STR CLARE-LDA110STR Datasheet
116Kb / 5P
   Bidirectional Input, Darlington Transistor Output Optocoupler
More results

Descripción similar - LDA110S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Clare, Inc.
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
   Bidirectional Input, Darlington Transistor Output Optocoupler
logo
Siemens Semiconductor G...
IL755B SIEMENS-IL755B Datasheet
42Kb / 2P
   BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
   BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
logo
IXYS Corporation
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
   Optocoupler, Bidirectional Input Single-Transistor Output
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
   Optocoupler, Unidirectional Input Darlington-Transistor Output
logo
Clare, Inc.
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
   Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA210 IXYS-LDA210 Datasheet
118Kb / 6P
   Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA212 IXYS-LDA212 Datasheet
118Kb / 6P
   Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
logo
Siemens Semiconductor G...
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
   BIDIRECTIONAL INPUT OPTOCOUPLER
ILD255 SIEMENS-ILD255 Datasheet
77Kb / 2P
   BIDIRECTIONAL INPUT OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com