Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7150 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADV7150
Descripción Electrónicos  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7150 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7150 Datasheet HTML 7Page - Analog Devices ADV7150 Datasheet HTML 8Page - Analog Devices ADV7150 Datasheet HTML 9Page - Analog Devices ADV7150 Datasheet HTML 10Page - Analog Devices ADV7150 Datasheet HTML 11Page - Analog Devices ADV7150 Datasheet HTML 12Page - Analog Devices ADV7150 Datasheet HTML 13Page - Analog Devices ADV7150 Datasheet HTML 14Page - Analog Devices ADV7150 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADV7150
–11–
REV. A
Mnemonic
Function
R/W
Read/Write Control (TTL Compatible Input). This input determines whether data is
written to or read from the device’s registers and color palette RAM. R/W and CE must
be at Logic “0” to write data to the part. R/W must be at Logic “1” and CE at Logic
“0” to read from the device.
C0, C1
Command Controls (TTL Compatible Inputs). These inputs determine the type of read
or write operation being performed on the device over the databus (see Interface Truth
Table). Data on these inputs is latched on the falling edge of CE.
IOR; IOR, IOG; IOG, IOB;
Red, Green and Blue Current Outputs (High Impedance Current Sources). These RGB
IOB
video outputs are specified to directly drive RS-343A and RS-170 video levels into dou-
bly terminated 75
Ω loads.
IOR
, IOG and IOB are the complementary outputs of IOR, IOG and IOB. These out-
puts can be tied to GND if it is not required to use differential outputs.
VREF
Voltage Reference Input (Analog Input). An external 1.235 V voltage reference is re-
quired to drive this input. An AD589 (2-terminal voltage reference) or equivalent is rec-
ommended. (Note: It is not recommended to use a resistor network to generate the
voltage reference.)
RSET
Output Full-Scale Adjust Control (Analog Input). A resistor connected between this pin
and analog ground controls the absolute amplitude of the output video signal. The value
of RSET is derived from the full-scale output current on IOG according to the following
equations:
RSET (
Ω) = C1 × V
REF/IOG (mA); SYNC on GREEN
RSET (Ω) = C2 × VREF/IOG (mA); NO SYNC on GREEN.
Full-Scale output currents on IOR and IOB for a particular value of RSET are given by:
IOR (mA)= C2
× V
REF(V)/RSET (Ω)
and
IOB (mA) = C2
× V
REF (V)/RSET (Ω)
where
C1 = 6,050; PEDESTAL = 7.5 IRE
where
C1 = 5,723; PEDESTAL = 0 IRE
and
where
C2 = 4,323; PEDESTAL = 7.5 IRE
where
C1 = 3,996; PEDESTAL = 0 IRE.
COMP
Compensation Pin. A 0.1
µF capacitor should be connected between this pin and V
AA.
IPLL
Phase Lock Loop Output Current (High Impedance Current Source). This output is
used to enable multiple ADV7150s along with ADV7151s to be synchronized together
with pixel resolution when using an external PLL. This output is triggered either from
the falling edge of SYNC or BLANK as determined by bit CR21 of Command Register
2. When activated, it supplies a current corresponding to:
IPLL (mA) = 1,728 × VREF(V)/RSET (Ω)
When not using the IPLL function, this output pin should be tied to GND.
VAA
Power Supply (+5 V
± 5%). The part contains multiple power supply pins, all should be
connected together to one common +5 V filtered analog power supply.
GND
Analog Ground. The part contains multiple ground pins, all should be connected
together to the system’s ground plane.


Número de pieza similar - ADV7150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS110 AD-ADV7151LS110 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS135 AD-ADV7151LS135 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS170 AD-ADV7151LS170 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS220 AD-ADV7151LS220 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
More results

Descripción similar - ADV7150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
logo
Texas Instruments
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com