Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7173 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADV7173
Descripción Electrónicos  Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7173 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7173 Datasheet HTML 6Page - Analog Devices ADV7173 Datasheet HTML 7Page - Analog Devices ADV7173 Datasheet HTML 8Page - Analog Devices ADV7173 Datasheet HTML 9Page - Analog Devices ADV7173 Datasheet HTML 10Page - Analog Devices ADV7173 Datasheet HTML 11Page - Analog Devices ADV7173 Datasheet HTML 12Page - Analog Devices ADV7173 Datasheet HTML 13Page - Analog Devices ADV7173 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
ADV7172/ADV7173
–10–
REV. A
PIN FUNCTION DESCRIPTION
Mnemonic
Input/Output
Function
P7–P0
I
8-Bit 4:2:2 Multiplexed YCrCb Pixel Port (P7-P0) P0 represents the LSB.
CLOCK
I
TTL Clock Input. Requires a stable 27 MHz reference clock for standard operation. Alter-
natively, a 24.52 MHz (NTSC) or 29.5 MHz (PAL) can be used for square pixel operation.
HSYNC
I/O
HSYNC (Modes 1 and 2) Control Signal. This pin may be configured to output (Master
Mode) or as an input and accept (Slave Mode) Sync signals.
FIELD/
VSYNC
I/O
Dual Function FIELD (Mode 1) and
VSYNC (Mode 2) Control Signal. This pin may be
configured to output (Master Mode) or as an input (Slave Mode) and accept these control
signals.
BLANK
I/O
Video Blanking Control Signal. The pixel inputs are ignored when this is logic level “0.”
This signal is optional.
SCRESET/RTC
I
This pin can be configured as an input by setting MR42 and MR41 of Mode Register 4. It
can be configured as a subcarrier reset pin, in which case a high to low transition on this
pin will reset the subcarrier phase to Field 0. Alternatively it may be configured as a Real-
Time Control (RTC) Input.
VREF
I/O
Voltage Reference Input for DACs or Voltage Reference Output (1.235 V).
RSET1
I
A 150
Ω resistor connected from this pin to GND is used to control full-scale amplitudes of
the Video Signals from DACs A, B and C (the “large” DACs).
RSET2
I
A 600
Ω resistor connected from this pin to GND is used to control full-scale amplitudes of
the Video Signals from DACs D, E and F (the “small” DACs).
COMP1
O
Compensation Pin for DACs A, B and C. Connect a 0.1
µF Capacitor from COMP to V
AA.
For Optimum Dynamic Performance in Low Power Mode, the value of the COMP1
capacitor can be lowered to as low as 2.2 nF.
COMP2
O
Compensation Pin for DACs D, E and F. Connect a 0.1
µF Capacitor from COMP to V
AA.
DAC A
O
GREEN/Composite/Y Analog Output. This DAC is capable of providing 34.66 mA output.
DAC B
O
BLUE/S-Video Y/U Analog Output. This DAC is capable of providing 34.66 mA output.
DAC C
O
RED/S-Video C/V Analog Output. This DAC is capable of providing 34.66 mA output.
DAC D
O
GREEN/Composite/Y Analog Output. This DAC is capable of providing 8.66 mA output.
DAC E
O
BLUE/S-Video Y/U Analog Output. This DAC is capable of providing 8.66 mA output.
DAC F
O
RED/S-Video C/V Analog Output. This DAC is capable of providing 8.66 mA output.
SCLOCK
I
MPU Port Serial Interface Clock Input.
SDATA
I/O
MPU Port Serial Data Input/Output.
CLAMP
O
TTL Output Signal to external circuitry to enable clamping of all video signals.
PAL_NTSC
I
Input signal to select PAL or NTSC mode of operation, pin set to Logic “1” selects PAL.
VSO
O
VSO TTL Output Sync Signal.
CSO_HSO
O
Dual function
CSO or HSO TTL Output Sync Signal.
ALSB
I
TTL Address Input. This signal sets up the LSB of the MPU address.
RESET
I
The input resets the on-chip timing generator and sets the ADV7172/ADV7173 into de-
fault mode. This is NTSC operation, Timing Slave Mode 0, DACs A, B and C powered
OFF, DACs D, E and F powered ON, Composite and S-Video out.
TTX
I
Teletext Data Input Pin.
TTXREQ
O
Teletext Data Request output signal used to control teletext data transfer.
VAA
P
Power Supply (+3 V to +5 V).
GND
G
Ground Pin.


Número de pieza similar - ADV7173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7173 AD-ADV7173 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
ADV7173KST AD-ADV7173KST Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
ADV7173KST-REEL AD-ADV7173KST-REEL Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
ADV7173 AD-ADV7173_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
More results

Descripción similar - ADV7173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7173KST-REEL AD-ADV7173KST-REEL Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
ADV7173 AD-ADV7173_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7172 AD-ADV7172_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59