Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL250 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADXL250
Descripción Electrónicos  -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL250 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL250 Datasheet HTML 7Page - Analog Devices ADXL250 Datasheet HTML 8Page - Analog Devices ADXL250 Datasheet HTML 9Page - Analog Devices ADXL250 Datasheet HTML 10Page - Analog Devices ADXL250 Datasheet HTML 11Page - Analog Devices ADXL250 Datasheet HTML 12Page - Analog Devices ADXL250 Datasheet HTML 13Page - Analog Devices ADXL250 Datasheet HTML 14Page - Analog Devices ADXL250 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ADXL150/ADXL250
–11–
REV. 0
2-POLE
FILTER
R2
42.2k
R3
82.5k
R1
82.5k
+VS
200k
0
g TRIM
R6
1M
R5
R4
100k
OUTPUT
SCALING
AMPLIFIER
BW
C3
C4
TYPICAL FILTER VALUES
300Hz
0.027 F 0.0033 F
100Hz
0.082 F 0.01 F
30Hz
0.27 F
0.033 F
10Hz
0.82 F
0.1 F
+VS
0.1 F
C2
0.1 F
+VS
2
SELF-TEST
+VS
2
25k
5k
ADXL150
GAIN
AMP
OFFSET
NULL
COM
C1
0.1 F
BUFFER
AMP
DEMODULATOR
SENSOR
+VS
TP
(DO NOT CONNECT)
14
9
10
7
5
CLOCK
1/2
OP296
3
1
2
8
8
EXT
AMP
GAIN
R5
VALUE
F.S.
RANGE
DESIRED
OUTPUT
SCALE FACTOR
76mV/
g
±25
g
2.0
200k
100mV/
g
±20
g
2.6
261k
200mV/
g
±10
g
5.3
536k
400mV/
g
±5
g
10.5
1M
C3
C4
+VS
2
1/2
OP296
5
4
7
6
Figure 21. Two-Pole Post Filter Circuit
for various full-scale g levels and approximate circuit band-
widths. For bandwidths other than those listed, use the
formula:
Cf
=
1
2
π R3
() Desired 3dB Bandwidth in Hz
or simply scale the value of capacitor Cf accordingly; i.e., for an
application with a 50 Hz bandwidth, the value of Cf will need
to be twice as large as its 100 Hz value. If further noise reduc-
tion is needed while maintaining the maximum possible band-
width, a 2- or 3-pole post filter is recommended. These provide
a much steeper roll-off of noise above the pole frequency. Fig-
ure 21 shows a circuit that provides 2-pole post filtering. Com-
ponent values for the 2-pole filter were selected to operate the
first op amp at unity gain. Capacitors C3 and C4 were chosen
to provide 3 dB bandwidths of 10 Hz, 30 Hz, 100 Hz and
300 Hz.
The second op amp offsets and scales the output to provide a
+2.5 V
± 2 V output over a wide range of full-scale g levels.
APPLICATION HINTS
ADXL250 Power Supply Pins
When wiring the ADXL250, be sure to connect BOTH power
supply terminals, Pins 14 and 13.
Ratiometric Operation
Ratiometric operation means that the circuit uses the power
supply as its voltage reference. If the supply voltage varies, the
accelerometer and the other circuit components (such as an
ADC, etc.) track each other and compensate for the change.
Figure 22 shows how both the zero g offset and output sensitiv-
ity of the ADXL150/ADXL250 vary with changes in supply
voltage. If they are to be used with nonratiometric devices, such
as an ADC with a built-in 5 V reference, then both components
should be referenced to the same source, in this case the ADC
reference. Alternatively, the circuit can be powered from an
external +5 volt reference.
POWER SUPPLY VOLTAGE
2.65
2.50
2.35
5.25 5.20 5.15 5.10 5.05 5.00 4.95 4.90
4.85 4.80 4.75
2.60
2.55
2.45
2.40
40.25
38.00
35.75
39.50
38.75
37.25
36.50
Figure 22. Typical Ratiometric Operation
Since any voltage variation is transferred to the accelerometer’s
output, it is important to reduce any power supply noise. Simply
following good engineering practice of bypassing the power supply
right at Pin 14 of the ADXL150/ADXL250 with a 0.1
µF ca-
pacitor should be sufficient.


Número de pieza similar - ADXL250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL251 AD-ADXL251 Datasheet
103Kb / 2P
   Dual-Axis, 60 g to 480 g Sensor with SPI and PSI5
More results

Descripción similar - ADXL250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com