Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBD770T1 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MMBD770T1
Descripción Electrónicos  Schottky Barrier Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBD770T1 Datasheet(HTML) 1 Page - Motorola, Inc

  MMBD770T1 Datasheet HTML 1Page - Motorola, Inc MMBD770T1 Datasheet HTML 2Page - Motorola, Inc MMBD770T1 Datasheet HTML 3Page - Motorola, Inc MMBD770T1 Datasheet HTML 4Page - Motorola, Inc MMBD770T1 Datasheet HTML 5Page - Motorola, Inc MMBD770T1 Datasheet HTML 6Page - Motorola, Inc MMBD770T1 Datasheet HTML 7Page - Motorola, Inc MMBD770T1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Schottky Barrier Diodes
Schottky barrier diodes are designed primarily for high–efficiency UHF and
VHF detector applications. Readily available to many other fast switching RF
and digital applications. They are housed in the SOT–323/SC–70 package
which is designed for low–power surface mount applications.
• Extremely Low Minority Carrier Lifetime
• Very Low Capacitance
• Low Reverse Leakage
• Available in 8 mm Tape and Reel
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
MMBD110T1
MMBD330T1
MMBD770T1
VR
7.0
30
70
Vdc
Forward Power Dissipation
TA = 25°C
PF
120
mW
Junction Temperature
TJ
– 55 to +125
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
DEVICE MARKING
MMBD110T1 = 4M
MMBD330T1 = 4T
MMBD770T1 = 5H
Thermal Clad is a registered trademark of the Bergquist Company.
Order this document
BY MMBD110T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBD110T1
MMBD330T1
MMBD770T1
CASE 419A–02, STYLE 2
SOT-323/SC–70
1
2
3
© Motorola, Inc. 1996


Número de pieza similar - MMBD770T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMBD770T1 ONSEMI-MMBD770T1 Datasheet
153Kb / 8P
   Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD770T1 LRC-MMBD770T1 Datasheet
84Kb / 4P
   Schottky Barrier Diodes
logo
ON Semiconductor
MMBD770T1G ONSEMI-MMBD770T1G Datasheet
131Kb / 4P
   Schottky Barrier Diodes
October, 2010 -- Rev. 5
MMBD770T1G ONSEMI-MMBD770T1G Datasheet
132Kb / 5P
   MMBD330T1G
November, 2011 ??Rev. 6
More results

Descripción similar - MMBD770T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com