Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4E1U06 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD4E1U06
Descripción Electrónicos  Quad Channel High Speed ESD Protection Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPD4E1U06 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD4E1U06 Datasheet HTML 3Page - Texas Instruments TPD4E1U06 Datasheet HTML 4Page - Texas Instruments TPD4E1U06 Datasheet HTML 5Page - Texas Instruments TPD4E1U06 Datasheet HTML 6Page - Texas Instruments TPD4E1U06 Datasheet HTML 7Page - Texas Instruments TPD4E1U06 Datasheet HTML 8Page - Texas Instruments TPD4E1U06 Datasheet HTML 9Page - Texas Instruments TPD4E1U06 Datasheet HTML 10Page - Texas Instruments TPD4E1U06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-Feb-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
TPD4E1U06DBVR
PREVIEW
SOT-23
DBV
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
TPD4E1U06DCKR
ACTIVE
SC70
DCK
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
BPI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Only one of markings shown within the brackets will appear on the physical device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Número de pieza similar - TPD4E1U06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4E1U06 TI1-TPD4E1U06 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E1U06 TI1-TPD4E1U06 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E1U06 TI1-TPD4E1U06 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR TECHPUBLIC-TPD4E1U06DBVR Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
More results

Descripción similar - TPD4E1U06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com