Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4E1U06DCKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD4E1U06DCKR
Descripción Electrónicos  Quad Channel High Speed ESD Protection Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPD4E1U06DCKR Datasheet(HTML) 1 Page - Texas Instruments

  TPD4E1U06DCKR Datasheet HTML 1Page - Texas Instruments TPD4E1U06DCKR Datasheet HTML 2Page - Texas Instruments TPD4E1U06DCKR Datasheet HTML 3Page - Texas Instruments TPD4E1U06DCKR Datasheet HTML 4Page - Texas Instruments TPD4E1U06DCKR Datasheet HTML 5Page - Texas Instruments TPD4E1U06DCKR Datasheet HTML 6Page - Texas Instruments TPD4E1U06DCKR Datasheet HTML 7Page - Texas Instruments TPD4E1U06DCKR Datasheet HTML 8Page - Texas Instruments TPD4E1U06DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
D1+
GND
D2+
D1-
NC
D2-
1
2
3
6
5
4
DCK
2 mm x 2.1 mm x 0.95 mm
(0.65-mm pitch)
DBV
2.9 mm x 2.8 x 1.45 mm
(0.95-mm pitch)
D1+
GND
D2+
D1-
NC
D2-
1
2
3
6
5
4
DGS
3 mm x 4.9 mm x 1.1mm
(0.5-mm pitch)
1
2
3
4
5
6
7
8
9
10
TPD4E1U06
www.ti.com
SLVSBQ9B – DECEMBER 2012 – REVISED FEBRUARY 2013
Quad Channel High Speed ESD Protection Device
Check for Samples: TPD4E1U06
1
FEATURES
APPLICATIONS
Provides System Level ESD Protection for
USB2.0
Low-Voltage IO Interface
Ethernet
IEC 61000-4-2 Level 4
HDMI Control Lines
±15kV (Contact discharge)
MIPI Bus
±15kV (Air-gap discharge)
LVDS
IO Capacitance 0.8pF (Typ)
SATA
DC Breakdown Voltage 6.5V (Min)
Ultra low Leakage Current 10nA (Max)
Low ESD Clamping Voltage
Industrial Temperature Range: –40°C to 125°C
Small, Easy-to-Route DCK, DBV, and DGS
Package
DESCRIPTION
The TPD4E1U06 is a quad channel ultra low cap ESD protection device. It offers ±15KV IEC air-gap and ±15KV
contact ESD protection. Its 0.8pF line capacitance makes it suitable for a wide range of applications. Typical
application areas are HDMI, USB2.0, MHL, and DisplayPort.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
3000
Tape and reel
TPD4E1U06DCKR
BPI
–40°C to 125°C
3000
Tape and reel
TPD4E1U06DBVR
NG4I
–40°C to 125°C
3000
Tape and reel
TPD4E1U06DGSR
TBD
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPD4E1U06DCKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
TPD4E1U06DCKR LEIDITECH-TPD4E1U06DCKR Datasheet
415Kb / 3P
   4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results

Descripción similar - TPD4E1U06DCKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com