Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18502Q5B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD18502Q5B
Descripción Electrónicos  40-V, N-Channel NexFET Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD18502Q5B Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD18502Q5B Datasheet HTML 4Page - Texas Instruments CSD18502Q5B Datasheet HTML 5Page - Texas Instruments CSD18502Q5B Datasheet HTML 6Page - Texas Instruments CSD18502Q5B Datasheet HTML 7Page - Texas Instruments CSD18502Q5B Datasheet HTML 8Page - Texas Instruments CSD18502Q5B Datasheet HTML 9Page - Texas Instruments CSD18502Q5B Datasheet HTML 10Page - Texas Instruments CSD18502Q5B Datasheet HTML 11Page - Texas Instruments CSD18502Q5B Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CSD18502Q5B
VSON
DNK
8
2500
330.0
12.8
6.5
5.3
1.4
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Dec-2012
Pack Materials-Page 1


Número de pieza similar - CSD18502Q5B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18502Q5B TI1-CSD18502Q5B Datasheet
945Kb / 15P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18502Q5BT TI1-CSD18502Q5BT Datasheet
945Kb / 15P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18502Q5B TI1-CSD18502Q5B_16 Datasheet
945Kb / 15P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
More results

Descripción similar - CSD18502Q5B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502KCS TI-CSD18502KCS Datasheet
906Kb / 9P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com