Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC5949DBQ Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TLC5949DBQ
Descripción Electrónicos  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC5949DBQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5949DBQ Datasheet HTML 6Page - Texas Instruments TLC5949DBQ Datasheet HTML 7Page - Texas Instruments TLC5949DBQ Datasheet HTML 8Page - Texas Instruments TLC5949DBQ Datasheet HTML 9Page - Texas Instruments TLC5949DBQ Datasheet HTML 10Page - Texas Instruments TLC5949DBQ Datasheet HTML 11Page - Texas Instruments TLC5949DBQ Datasheet HTML 12Page - Texas Instruments TLC5949DBQ Datasheet HTML 13Page - Texas Instruments TLC5949DBQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
RSV
t
D5
t
D4
t
D3
t
D2
t
D0
t
WH1
GS0
1B
4095
t
WL1
RSV
GS0
0A
GS15
15B
t
GSCLK
t
WH2
GSCLK
SIN
OUT0,
7
8
15
OUT ,
OUT , OUT
ON
OFF
LAT
Grayscale Data
In First GS Data Latch
(Internal)
SOUT
ON
OFF
ON
OFF
ON
OFF
t
SU0
t
SU1
t
H0
t , t
R0
F0
t
F1
Low
GS15
14B
GS15
13B
GS15
12B
GS0
0B
GS0
2B
GS0
3B
RSV
RSV
RSV
RSV
(1)
RSV
RSV
RSV
RSV
RSV
RSV
LOD
15
LOD
14
LOD
13
1
2
3
4
5
6
Old Data
New Data
SCLK
1
190
191
192
2
3
4
5
t
WL0
1
2
3
4
5
6
7
t
H1
t
WH0
ON
OFF
ON
OFF
ON
OFF
ON
OFF
t
D2
t
D3
t
D4
t
D5
t
, t
SU2
SU3
t
OUTON
(2)
t
OUTON
t
OUTON
t
OUTON
Display Timing Reset Enabled, Auto Display Repeat Disabled, All GS Data Are FFFh
(V
)
OUTnH
(V
)
OUTnL
GS Data Write
Low
BLANK Bit
In First Control Data Latch
(Internal)
t
R1
OUT1
6
9
14
, OUT ,
OUT , OUT
OUT2
5
10
13
, OUT ,
OUT
, OUT
OUT3
4
11
12
, OUT ,
OUT
, OUT
Display Timing Reset Enabled, Auto Display Repeat Disabled, All GS Data Are 001h
Data = 0
Low
GS15
15C
GS15
14C
GS15
13C
GS15
12C
GS15
11C
GS15
10C
Low
GS Data Write
OUT0
7
8
15
, OUT ,
OUT , OUT
OUT1
6
9
14
, OUT ,
OUT , OUT
OUT2
5
10
13
, OUT ,
OUT
, OUT
OUT3
4
11
12
, OUT ,
OUT
, OUT
4094
193
t
D0
4096
t
D5
t
D4
t
D3
t
D2
Grayscale Data
In Second GS Data Latch
(Internal)
Old Data
New Data
The data in the 193-bit common shift register are copied
to the first and second GS data latches when the display
timing reset is enabled.
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
(1) RSV = reserved.
(2) tOUTON refers to tON_ERR = tOUTON – tGSCLK.
Figure 9. Grayscale Data Write Timing
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949


Número de pieza similar - TLC5949DBQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401PWP TI-TLC59401PWP Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401PWPR TI-TLC59401PWPR Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Descripción similar - TLC5949DBQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
[Old version datasheet]   16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
[Old version datasheet]   TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com