Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51313DRCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51313DRCT
Descripción Electrónicos  5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS51313DRCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51313DRCT Datasheet HTML 6Page - Texas Instruments TPS51313DRCT Datasheet HTML 7Page - Texas Instruments TPS51313DRCT Datasheet HTML 8Page - Texas Instruments TPS51313DRCT Datasheet HTML 9Page - Texas Instruments TPS51313DRCT Datasheet HTML 10Page - Texas Instruments TPS51313DRCT Datasheet HTML 11Page - Texas Instruments TPS51313DRCT Datasheet HTML 12Page - Texas Instruments TPS51313DRCT Datasheet HTML 13Page - Texas Instruments TPS51313DRCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
FB
VCC
VIN
PGND
EN
PGOOD
NC
SW
PGND
SW
CIN
R2
R1
LOUT
EN
PGOOD
COUT
VIN
3.3 or
5 V
UDG-12083
Thermal Pad
TPS51313
VOUT
CFF
TPS51313
SLUSB31 – SEPTEMBER 2012
www.ti.com
REFERENCE DESIGN
Application Schematic
This section describes a simplified design procedure for a discrete graphics processor PEX rail application using
the TPS51313 converter. Figure 9 shows the application schematic..
Figure 9. Reference Design Schematic
Table 1. Reference Design List of Materials
FUNCTION
MANUFACTURER
PART NUMBER
Output Inductor
Vishay
IHLP-1212AB-11
Panasonic
ECJ2FB0J226M
Ceramic Output Capacitors
Murata
GRM21BR60J226ME39L
Design Procedure
Step One. Determine the specifications.
. The PEX rail requirement provides the following key paramaters.
VOUT = 1.05 V
ICC(max) = 3 A
ΔI = 2A (transient load step and release)
di/dt = 2.5A/µs
Step Two. Determine the system parameters.
The input voltage range and operating frequency are of primary interest. For example,
VIN = VCC = 3.3 V
fSW = 1 MHz.
Maximum height of power chain components = 1.2 mm
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS51313


Número de pieza similar - TPS51313DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
More results

Descripción similar - TPS51313DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com