Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD120N4LF6 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STD120N4LF6
Descripción Electrónicos  N-channel 40 V, 3.1 m廓, 80 A DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD120N4LF6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD120N4LF6 Datasheet HTML 2Page - STMicroelectronics STD120N4LF6 Datasheet HTML 3Page - STMicroelectronics STD120N4LF6 Datasheet HTML 4Page - STMicroelectronics STD120N4LF6 Datasheet HTML 5Page - STMicroelectronics STD120N4LF6 Datasheet HTML 6Page - STMicroelectronics STD120N4LF6 Datasheet HTML 7Page - STMicroelectronics STD120N4LF6 Datasheet HTML 8Page - STMicroelectronics STD120N4LF6 Datasheet HTML 9Page - STMicroelectronics STD120N4LF6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STB120N4LF6, STD120N4LF6
6/18
Doc ID 16919 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
DS
(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
AM08964v1
ID
150
100
50
0
0
1.0
VDS(V)
(A)
0.5
1.5
200
250
3V
4V
5V
VGS=10V
300
350
AM08965v1
ID
300
200
100
0
0
2
VGS(V)
4
(A)
1
3
VDS=2V
AM08966v1
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.85
0.90
1.00
1.05
175
ID=1mA
0.95
AM08967v1
RDS(on)
2.5
2.0
0
20
ID(A)
(m
Ω)
40
60
3.0
3.5
VGS=10V
80
AM08968v1


Número de pieza similar - STD120N4LF6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN DOINGTER SEMIC...
STD120N4LF6 DOINGTER-STD120N4LF6 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Descripción similar - STD120N4LF6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB120N4F6 STMICROELECTRONICS-STB120N4F6 Datasheet
998Kb / 18P
   N-channel 40 V, 3.5 m廓 , 80 A, DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
   N-channel 30 V, 0.0037 廓, 80 A, DPAK STripFET??VI DeepGATE??Power MOSFET
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
   N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
   N-channel 30 V, 2.4 m??typ., 80 A, STripFET??VI DeepGATE?? Power MOSFET in D짼PAK package
July 2012 Rev 1
STD155N3H6 STMICROELECTRONICS-STD155N3H6 Datasheet
949Kb / 18P
   N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
STL75N8LF6 STMICROELECTRONICS-STL75N8LF6 Datasheet
797Kb / 16P
   N-channel 80 V, 5.6 m廓, 18 A, PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
November 2011 Rev 3
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STB155N3LH6 STMICROELECTRONICS-STB155N3LH6 Datasheet
1,013Kb / 18P
   N-channel 30 V, 2.4 m廓 , 80 A, DPAK, DPAK STripFETVI DeepGATE Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com