Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STH260N6F6-2 Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STH260N6F6-2
Descripción Electrónicos  N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH260N6F6-2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STH260N6F6-2 Datasheet HTML 6Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 7Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 8Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 9Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 10Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 11Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 12Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 13Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STH260N6F6-2
Package mechanical data
Doc ID 018784 Rev 4
11/14
Figure 19.
H²PAK 2 leads drawing
8159712_C


Número de pieza similar - STH260N6F6-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
logo
Inchange Semiconductor ...
STH260N6F6-6 ISC-STH260N6F6-6 Datasheet
389Kb / 4P
   N-Channel Power MOSFET
More results

Descripción similar - STH260N6F6-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STH360N4F6-2 STMICROELECTRONICS-STH360N4F6-2 Datasheet
359Kb / 12P
   N-channel 40 V, 180 A STripFET??VI DeepGATE?? Power MOSFET in H짼PAK-2 package
August 2012 Rev 1
STH320N4F6-2 STMICROELECTRONICS-STH320N4F6-2 Datasheet
1Mb / 19P
   N-channel 40 V, 1.1 m廓 typ., 200 A, H짼PAK-2, H짼PAK-6 STripFET??VI DeepGATE??Power MOSFET
February 2013 Rev 1
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
STN3P6F6 STMICROELECTRONICS-STN3P6F6 Datasheet
1Mb / 12P
   P-channel 60 V, 0.13 廓 typ., 3 A STripFET??VI DeepGATE??Power MOSFET in a SOT-223 package
STFI260N6F6 STMICROELECTRONICS-STFI260N6F6 Datasheet
658Kb / 12P
   N-channel 60 V, 0.0024 廓, 80 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAKFP package
April 2012 Rev 1
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
   N-channel 30 V, 2.4 m??typ., 80 A, STripFET??VI DeepGATE?? Power MOSFET in D짼PAK package
July 2012 Rev 1
STL90N3LLH6 STMICROELECTRONICS-STL90N3LLH6 Datasheet
725Kb / 16P
   N-channel 30 V, 0.0038 廓 typ., 24 A STripFET??VI DeepGATE?? Power MOSFET in PowerFLAT??5x6 package
September 2013 Rev 4
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com