Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJWI10-24S05 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

No. de pieza MJWI10-24S05
Descripción Electrónicos  DC/DC CONVERTER 10W, High Power Density
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINMAX [Minmax Technology Co., Ltd.]
Página de inicio  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI10-24S05 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MJWI10-24S05 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI10-24S05 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI10-24S05 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI10-24S05 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI10-24S05 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJWI10 SERIES
DC/DC CONVERTER 10W, High Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:15
Page 4 of 5
®
Heatsink (Option –HS)
Mechanical Dimensions
Heatsink Material: Aluminum
Finish: Anodic treatment (black)
Weight: 2g
The advantages of adding a heatsink are:
1.To help heat dissipation and increase the stability
and reliability of DC/DC converters at high
operating temperature atmosphere.
2.To upgrade the operating temperature of DC/DC
converters, please refer to Derating Curve.
17.46
[0.69] Max.
31.0 [1.22] Max.
Heat-Sink
Thermal Pad
Clamp
Converter


Número de pieza similar - MJWI10-24S05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
MJWI10-24S05 TOTAL-POWER-MJWI10-24S05 Datasheet
491Kb / 5P
   Shielded Metal Case with Isolated Baseplate
MJWI10-24S051 TOTAL-POWER-MJWI10-24S051 Datasheet
491Kb / 5P
   Shielded Metal Case with Isolated Baseplate
More results

Descripción similar - MJWI10-24S05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minmax Technology Co., ...
MJWI10 MINMAX-MJWI10_15 Datasheet
628Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
   DC-DC CONVERTER 10W
logo
List of Unclassifed Man...
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
Vishay Siliconix
FX5545G305 VISHAY-FX5545G305 Datasheet
185Kb / 4P
   Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
logo
MORNSUN Science& Techno...
LHE10-20D0512-02ER2 MORNSUN-LHE10-20D0512-02ER2 Datasheet
1Mb / 5P
   10W, AC-DC converter
logo
HY-LINE Power Component...
P10C24S33W HY-LINE-P10C24S33W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
logo
MORNSUN Science& Techno...
LD10-20B03 MORNSUN-LD10-20B03_15 Datasheet
2Mb / 6P
   10W, AC/DC converter
LH10-10B03 MORNSUN-LH10-10B03_15 Datasheet
1Mb / 7P
   10W, AC-DC converter
LHE10-20A05 MORNSUN-LHE10-20A05 Datasheet
1Mb / 6P
   10W, AC-DC converter
LD10-26B03 MORNSUN-LD10-26B03 Datasheet
1Mb / 6P
   10W, AC/DC converter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com