Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1005IJ5TP Datasheet(PDF) 8 Page - Touchstone Semiconductor Inc

No. de pieza TS1005IJ5TP
Descripción Electrónicos  A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1005IJ5TP Datasheet(HTML) 8 Page - Touchstone Semiconductor Inc

Back Button TS1005IJ5TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TS1005
Page 8
TS1005DS r1p0
RTFDS
absence of oxygen; for example, vacuum-packaging
of food products is one example.
The circuit in Figure 1 illustrates a typical
implementation used to amplify the output of an
oxygen detector. The TS1005 makes an excellent
choice for this application as it only draws 1.3µA of
supply current and operates on supply voltages
down to 0.8V. With the components shown in the
figure, the circuit consumes less than 1.4μA of
supply current ensuring that small form-factor single-
or button-cell batteries (exhibiting low mAh charge
ratings) could last beyond the operating life of the
oxygen sensor. The precision specifications of the
TS1005, such as its low offset voltage, low TCVOS,
low input bias current, high CMRR, and high PSRR
are other factors which make the TS1005 an
excellent choice for this application. Since oxygen
sensors typically exhibit an operating life of one to
two years, an oxygen sensor amplifier built around a
TS1005 can operate from a conventionally-available
single 1.5-V alkaline AA battery for over 145 years!
At such low power consumption from a single cell,
the oxygen sensor could be replaced over 75 times
before the battery requires replacing!
MicroWatt, Buffered Single-pole Low-Pass Filters
When receiving low-level signals, limiting the
bandwidth of the incoming signals into the system is
often required. As shown in Figure 2, the simplest
way to achieve this objective is to use an RC filter at
the noninverting terminal of the TS1005. If additional
attenuation is needed, a two-pole Sallen-Key filter
can be used to provide the additional attenuation as
shown in Figure 3.
For best results, the filter’s cutoff frequency should
be 8 to 10 times lower than the TS1005’s crossover
frequency. Additional operational amplifier phase
margin shift can be avoided if the amplifier
bandwidth-to-signal bandwidth ratio is greater than
8.
The design equations for the 2-pole Sallen-Key low-
pass filter are given below with component values
selected to set a 2kHz low-pass filter cutoff
frequency:
R1 = R2 = R = 1MΩ
C1 = C2 = C = 80pF
Q = Filter Peaking Factor = 1
f–3dB = 1/(2 x π x RC) = 2kHz
R3 = R4/(2-1/Q); with Q = 1, R3 = R4.
A Single +1.5 V Supply, Two Op Amp
Instrumentation Amplifier
The TS1005’s ultra-low supply current and ultra-low
voltage operation make it ideal for battery-powered
applications such as the instrumentation amplifier
shown in Figure 4.
The circuit utilizes the classic two op amp
instrumentation amplifier topology with four resistors
to set the gain. The equation is simply that of a
noninverting amplifier as shown in the figure.
Figure 2: A Simple, Single-pole Active Low-Pass Filter.
Figure 3: A Micropower 2-Pole Sallen-Key Low-Pass Filter.
Figure 4: A Two Op Amp Instrumentation Amplifier.
Figure 1: A Micropower, Precision Oxygen Gas Sensor
Amplifier.


Número de pieza similar - TS1005IJ5TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS1005IJ5T SILABS-TS1005IJ5T Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results

Descripción similar - TS1005IJ5TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com