Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2-1194651-7 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza 2-1194651-7
Descripción Electrónicos  SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH BRAID
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1194651-7 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1194651-7 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
Tyco Electronics Corporation
300 Constitution Drive,
Menlo Park, CA. 94025, U.S.A.
Raychem
TITLE:
SOLDERSLEEVE DEVICE
SHIELD TERMINATION WITH BRAID
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
DOCUMENT NO.:
S03-06/-10-R
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
PROD. REV.:
SEE TABLE
DOC. ISSUE:
3
DATE:
21-Aug-00
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D982099
DCR NUMBER:
D000418
SCALE:
None
SIZE:
A
SHEET:
1 of 1
If this document is printed it becomes uncontrolled. Check for the latest revision.
© 2004 Tyco Electronics Corporation. All rights reserved
Product Revision
Component Dimensions
Shall Accommodate with Cable Dimensions
Product
Name
Ident.
Code
L
±1.75
(L
±0.07)
øB
min
øC
min
H
min
øE
max
øF
min
øD
max
S03-06-R
C
S0306R
16.50
(0.650)
1.90
(0.070)
2.65
(0.105)
8.25
(0.325)
2.65
(0.105)
0.90
(0.035)
1.90
(0.075)
S03-07-R
C
S0307R
16.50
(0.650)
2.65
(0.105)
3.68
(0.145)
8.25
(0.325)
3.68
(0.145)
1.40
(0.055)
2.65
(0.105)
S03-08-R
C
S0308R
16.50
(0.650)
4.30
(0.170)
5.08
(0.200)
8.25
(0.325)
5.08
(0.200)
2.15
(0.085)
4.30
(0.170)
S03-09-R
C
S0309R
19.10
(0.750)
5.95
(0.235)
6.45
(0.255)
8.25
(0.325)
6.45
(0.255)
3.30
(0.130)
5.95
(0.235)
S03-10-R
C
S0310R
19.10
(0.750)
7.00
(0.275)
7.60
(0.300)
8.25
(0.325)
7.60
(0.300)
4.30
(0.170)
7.00
(0.275)
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX AND THERMAL INDICATOR
SOLDER:
TYPE Sn63 per ANSI-J-STD-006.
FLUX:
TYPE ROL1 per ANSI-J-STD-004.
THERMAL INDICATOR: Color change violet to colorless.
3. MELTABLE RINGS: Stabilized thermoplastic. Color - blue.
4. PRE-INSTALLED BRAID: Nickel plated copper strands. CMA 654.
APPLICATION
1. These parts are designed to provide an environment protected shield termination on cables, rated for 125
°C minimum, meeting
the dimensional criteria listed and having tin or silver plated shields and insulation compatible with the insert material.
For compatible insulations, see MIL-S-83519/2 or consult Raychem.
2. When installed per Raychem process standard RCPS-100-70, assemblies will meet those requirements of Raychem
Specification RT-1404 and MIL-S-83519/2 which do not require electrical testing while parts are immersed in water.
3. Temperature range: -55
°C to +150°C.
4. Parts shall be marked with identification code per table.
For best results, prepare
the cable as shown:
SOLDERSLEEVE is a trademark of Tyco Electronics Corporation


Número de pieza similar - 2-1194651-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
2-1194639-8 MACOM-2-1194639-8 Datasheet
100Kb / 1P
   COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED STRANDED WIRE
More results

Descripción similar - 2-1194651-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
SO96-X-01 TEC-SO96-X-01 Datasheet
92Kb / 1P
   SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH BRAID HIGH TEMPERATURE
SO96-X-55-22-90 TEC-SO96-X-55-22-90 Datasheet
76Kb / 1P
   SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH LEADS, HIGH TEMPERATURE IMMERSION RESISTANT
logo
Tyco Electronics
S02-07-R-92 MACOM-S02-07-R-92 Datasheet
38Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATION ENVIRONMENT RESISTANT WITH LEAD
logo
PANDUIT CORP.
D-108-00 PANDUIT-D-108-00 Datasheet
30Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-101-31 PANDUIT-D-101-31 Datasheet
35Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-104-00 PANDUIT-D-104-00 Datasheet
38Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-103-00 PANDUIT-D-103-00 Datasheet
114Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-142-65 PANDUIT-D-142-65 Datasheet
40Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR
D-103-33 PANDUIT-D-103-33 Datasheet
39Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
logo
TE Connectivity Ltd
SO63-X-00 TEC-SO63-X-00 Datasheet
69Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR, IMMERSION RESISTANT
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com