Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2-1318119-4 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza 2-1318119-4
Descripción Electrónicos  AMP Dynamic Series Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1318119-4 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1318119-4 Datasheet HTML 1Page - Tyco Electronics 2-1318119-4 Datasheet HTML 2Page - Tyco Electronics 2-1318119-4 Datasheet HTML 3Page - Tyco Electronics 2-1318119-4 Datasheet HTML 4Page - Tyco Electronics 2-1318119-4 Datasheet HTML 5Page - Tyco Electronics 2-1318119-4 Datasheet HTML 6Page - Tyco Electronics 2-1318119-4 Datasheet HTML 7Page - Tyco Electronics 2-1318119-4 Datasheet HTML 8Page - Tyco Electronics 2-1318119-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
16
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
AMP Dynamic Series Connectors
List of Products by
Application
D-2000 Series connectors are
the next smallest in Dynamic
Series, yet they can meet
requirements of connectors
for most industrial applica-
tions. They can be used
mainly for signal applications.
Signal lines under 250 V are
of 2.5 mm pitch, which can
accept 18 AWG wires. (5 A
max. per position)
D-2000 Series have several
unique characteristics such as
center-lock method for effec-
tive use of PCB properties,
contact-entrance method for
low profile shapes, and others.
D-2100S
1-Row Type
D-2100D
2-Row Type
D-2100M
Drawer Type
D-2100S
Free-Hanging Type
D-2100S
Board-Mounting
Vertical Type
D-2100D
Board-Mounting
Vertical Type
D-2100D
Free-Hanging
Type
D-2100D
Panel Type
D-2100S
Panel Type
D-2100S
Receptacle Housing
D-2100D
Receptacle Housing
Receptacle
Housing
Panel Mounting
Screw
Tab
Housing
Receptacle
Assembly
(with screw)
Receptacle
Assembly
(with screw)
Tab
Assembly
(with screw)
Header
Assembly


Número de pieza similar - 2-1318119-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
More results

Descripción similar - 2-1318119-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com