Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA16A2CNN Datasheet(PDF) 5 Page - Agere Systems

No. de pieza CA16A2CNN
Descripción Electrónicos  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AGERE [Agere Systems]
Página de inicio  
Logo AGERE - Agere Systems

CA16A2CNN Datasheet(HTML) 5 Page - Agere Systems

  CA16A2CNN Datasheet HTML 1Page - Agere Systems CA16A2CNN Datasheet HTML 2Page - Agere Systems CA16A2CNN Datasheet HTML 3Page - Agere Systems CA16A2CNN Datasheet HTML 4Page - Agere Systems CA16A2CNN Datasheet HTML 5Page - Agere Systems CA16A2CNN Datasheet HTML 6Page - Agere Systems CA16A2CNN Datasheet HTML 7Page - Agere Systems CA16A2CNN Datasheet HTML 8Page - Agere Systems CA16A2CNN Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Pin Information
1-1014(F).d
Figure 2. CA16-Type Transponder Pinout
RXQ13N
RXQ13P
RXQ15N
RXQ15P
RXDGND
VTEC
VTEC
WS
NC
POCLKN
POCLKP
RX3.3A
RXAGND
RXAGND
SEARCH
RX3.3D
RX3.3D
RXDGND
OOF
RXDGND
LOS
LLOOP
PHERR
NC
TXDIS
PHINIT
NC
TX3.3A
TX3.3D
TXAGND
TXDGND
PCLKN
PCLKP
TXDGND
TXD00N
TXD00P
TXDGND
TXD02N
TXD02P
TXD04N
TXD04P
TXDGND
TXD06N
TXD06P
TXD08N
TXD08P
TXDGND
TXD10N
TXD10P
TXD12N
TXD12P
TXDGND
TXD14N
TXD14P
TXREFCLKN
TXDGND
RESET
FGND
RXDGND
RXQ12N
RXQ12P
RXQ14N
RXQ14P
RXDGND
VTEC
VTEC
VTEC
RXDGND
RXAGND
RXAGND
RX3.3A
RXAGND
RXAGND
NC
RX3.3D
FP
WDEA
DLOOP
NC
LSRBIAS
LSRALM
LPM
TXAGND
TX3.3A
TX3.3A
TXAGND
TX3.3D
TX3.3D
TXDGND
LOCKDET
PICLKN
PICLKP
TXDGND
TXD01N
TXD01P
TXD03N
TXD03P
TXDGND
TXD05N
TXD05P
TXD07P
TXDGND
TXD09N
TXD09P
TXD11N
TXD11P
TXDGND
TXD13N
TXD13P
TXD15N
TXD15P
TXDGND
IPDMON
FGND
RXDGND
140
60
130
50
120
40
110
30
100
20
90
10
1
81
TX
TXREFCLKP
TXD07N
FRAMEN
RX3.3D
RXDGND
RXQ05N
RXQ05P
RXQ07N
RXQ07P
RXDGND
RXQ09N
RXQ09P
RXQ11N
RXQ11P
RXDGND
RXQ04N
RXQ04P
RXQ06N
RXQ06P
RXDGND
RXQ08N
RXQ08P
RXQ10N
RXQ10P
RXDGND
150
70
NC
NC
NC
NC
RXDGND
RXQ01N
RXQ01P
RXQ03N
RXQ03P
FGND
NC
NC
NC
NC
RXDGND
RXQ00N
RXQ00P
RXQ02N
RXQ02P
FGND
160
80
RX
TOP VIEW


Número de pieza similar - CA16A2CNN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
CA16-2 MACOM-CA16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Ledil, Inc.
CA16015 LEDIL-CA16015 Datasheet
6Mb / 4P
   Type II/III (Long) beam for very wide pole to pole distances.
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
   Beam for area and street lighting such as parks and pedestrian walkways
CA16127 LEDIL-CA16127 Datasheet
1Mb / 19P
   OLGA Assembly
CA16127 LEDIL-CA16127 Datasheet
6Mb / 9P
   ~11째 spot beam beam. Assembly with holder and installation tape.
More results

Descripción similar - CA16A2CNN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
JDS Uniphase Corporatio...
MDX-13MX2001A JDSU-MDX-13MX2001A Datasheet
140Kb / 3P
   13 Channel DWDM Multiplexer/Demultiplexer (Mux/Demux)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com