Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA16B2CNN Datasheet(PDF) 11 Page - Agere Systems

No. de pieza CA16B2CNN
Descripción Electrónicos  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AGERE [Agere Systems]
Página de inicio  
Logo AGERE - Agere Systems

CA16B2CNN Datasheet(HTML) 11 Page - Agere Systems

Back Button CA16B2CNN Datasheet HTML 7Page - Agere Systems CA16B2CNN Datasheet HTML 8Page - Agere Systems CA16B2CNN Datasheet HTML 9Page - Agere Systems CA16B2CNN Datasheet HTML 10Page - Agere Systems CA16B2CNN Datasheet HTML 11Page - Agere Systems CA16B2CNN Datasheet HTML 12Page - Agere Systems CA16B2CNN Datasheet HTML 13Page - Agere Systems CA16B2CNN Datasheet HTML 14Page - Agere Systems CA16B2CNN Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Pin Descriptions (continued)
* Future versions of the cooled transponder will not support the frame-detect function.
Table 3. CA16-Type Transponder Output Pin Descriptions
Pin Name
Pin Description
RxQ[0:15]P
RxQ[0:15]N
16-Bit Differential LVPECL Parallel Output Data Bus. RxQ[0:15] is the 155 Mbyte/s 16-bit output
word. RxQ15P/N is the most significant bit of the received word and is the first bit serialized.
RxQ00P/N is the least significant bit of the received word and is the last bit serialized. RxQ[0:15]P/
N is updated on the falling edge of POCLK.
POCLKP
POCLKN
Differential LVPECL Parallel Output Clock. A 155 MHz nominally 50% duty cycle, byte rate out-
put clock that is aligned to the RxQ[0:15] byte serial output data. RxQ[0:15] and FP are updated on
the falling edge of POCLK.
FP*
Frame Pulse (LVPECL). Indicates frame boundaries in the received serial data stream. If framing
pattern detection is enabled (FRAMEN high and OOF), FP pulses high for one POCLK cycle when
a 32-bit sequence matching the framing pattern is detected in the received serial data. FP is
updated on the falling edge of POCLK.
SEARCH*
A1 A2 Frame Search Output (LVTTL). A high on this output pin indicates that the frame detection
circuit is active and is searching for a new A1 A2 byte alignment. This output will be high during the
entire A1 A2 frame search. Once a new alignment is found, this signal will remain high for a mini-
mum of one 155 MHz clock period beyond the third A2 byte before it will be set low.
LOS
Loss of Signal (LVTTL). A low on this output indicates a loss of clock by the clock recovery circuit
in the optical receiver.
LSRBIAS
Laser Bias Alarm (Analog). The analog bias alarm is not available on the CA16 transponders.
LSRALM
Laser Degrade Alarm (5 V CMOS). This output goes to a logic 0 when the laser output power
degrades 2 dB below the nominal output power.
LPM
Laser Power Monitor (Analog). Provides an indication of the output power level from the transmit-
ter laser. This output is set at 500 mV for the nominal transmitter optical output power. If the optical
power decreases by 3 dB, this output will drop to approximately 250 mV, and if the output power
should increase by 3 dB, this output will increase to1000 mV.
PCLKP/N
Parallel Byte Clock (Differential LVPECL). A byte-rate reference clock generated by dividing the
internal 2.488 GHz serial bit clock by 16. This output is normally used to synchronize byte-wide
transfers from upstream logic into the CA16 transponder. See timing discussion for additional
details, page 18.
PHERR
Phase Error Signal (Single-Ended LVPECL). Pulses high during each PCLK cycle for which there
is a potential setup/hold timing violation between the internal byte clock and the PIC LK timing
domain. PHERR is updated on the falling edge of the PCLK outputs.
IPDMON
Receiver Photodiode Current Monitor (Analog). This output provides a current output that is a
mirror of the of the photocurrent generated by the optical receiver’s photodetector diode (APD or
PIN). A 10 k
Ω resistor from pin 2 to ground provides a voltage at this output ranging from ~1 mV to
~800 mV, depending on the optical input power.
WDEA
Wavelength Deviation Alarm (5 V TTL). This output changes logic levels whenever the optical
transmitter’s wavelength deviates from the nominal wavelength by more than ±100 pm.
LOCKDET
Lock Detect (LVTTL). This output goes low after the transmit side PLL has locked to the clock sig-
nal provided at the TXREFCLK input pins. LOCKDET is an asychronous output.


Número de pieza similar - CA16B2CNN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
CA16-2 MACOM-CA16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Ledil, Inc.
CA16015 LEDIL-CA16015 Datasheet
6Mb / 4P
   Type II/III (Long) beam for very wide pole to pole distances.
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
   Beam for area and street lighting such as parks and pedestrian walkways
CA16127 LEDIL-CA16127 Datasheet
1Mb / 19P
   OLGA Assembly
CA16127 LEDIL-CA16127 Datasheet
6Mb / 9P
   ~11째 spot beam beam. Assembly with holder and installation tape.
More results

Descripción similar - CA16B2CNN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
JDS Uniphase Corporatio...
MDX-13MX2001A JDSU-MDX-13MX2001A Datasheet
140Kb / 3P
   13 Channel DWDM Multiplexer/Demultiplexer (Mux/Demux)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com