Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2-1393122-3 Datasheet(PDF) 2 Page - Tyco Electronics

No. de pieza 2-1393122-3
Descripción Electrónicos  KHA Series Panel Plug-in Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393122-3 Datasheet(HTML) 2 Page - Tyco Electronics

  2-1393122-3 Datasheet HTML 1Page - Tyco Electronics 2-1393122-3 Datasheet HTML 2Page - Tyco Electronics 2-1393122-3 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Relays
Industrial Relays
KHA Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Accessories
For details see datasheet
Sockets and Accessories, KHA Relays
Product Code
Description
27E894
DIN socket (use 20C426 clip)
27E166
Panel/track mount socket (use 20C297 clip)
27E006
Solder/grounding socket (use 20C217 clip)
27E007
PCB/grounding socket (use 20C217 clip)
NOTE: Relays with contact current <50mA are not recommended for use in sockets.
Other Data (continued)
Vibration resistance (destructive)
.062” double amplitude, 5-55Hz,
6h, mechanical
Shock resistance (functional)
15g, 11ms (mechanical)
Terminal type
solder/plug-in .105” (2.67mm),
pcb-tht .112” (2.84mm)
Weight
45g
Packaging/unit
tray/50 pcs., box/250pcs.
Dimensions
KHAU and KHAX types
PCB terminals
KHAE and KHAF types
Terminal assignment
2 Form C
4 Form C
PCB layout
Bottom view on solder pins
4 pole version
.180 DIA.
BOSSES (4.57)
.265 ±.046
(6.73 ±1.17)
1 2 3 4
5 6 7 8
9 10 11 12
.859 MAX.
(21.82)
.168 ±020
(4.27 ±.51)
.168
(4.27)
.421 ±.046
(10.69 ±1.17)
.525
(13.34)
.263
(6.68)
.313
(7.95)
.797 ±.020
(20.24 ±.51)
.040 ±.010
(1.02 ±.25)
.250
(6.35)
.125 DIA.
(3.18)
1.281 MAX.
(32.54)
1.600 MAX WITH
INDICATOR LAMP
(38.10)
#3-48
THREAD
.219
(5.56)
Printed circuit terminal thickness .022 (.558)
.112
(2.84)
.052 REF.
(1.32)
.047
REF.
(1.19)
.750
(19.05)
.312 ± .031
(7.92 ± .79)
13
4
8
12
1
5
9
14
4
8
12
3
7
11
2
6
10
1
5
9
13
14
-
+
-
+
.160
(4.06)
14
PLACES
.070 DIA.
(1.78)
.410
(10.41)
.660
(16.76)
.175
(4.45)
.350
(8.89)
.525
(13.34)
Polarity shown for LED indicator


Número de pieza similar - 2-1393122-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
2-1393122-0 MACOM-2-1393122-0 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
2-1393122-0 TEC-2-1393122-0 Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Tyco Electronics
2-1393122-1 MACOM-2-1393122-1 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
2-1393122-1 TEC-2-1393122-1 Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Tyco Electronics
2-1393122-2 MACOM-2-1393122-2 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
More results

Descripción similar - 2-1393122-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
2-1393122-9 MACOM-2-1393122-9 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-9 MACOM-2-1393123-9 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1419106-6 MACOM-2-1419106-6 Datasheet
314Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-6 MACOM-2-1393122-6 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-5 MACOM-2-1393123-5 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-6 MACOM-2-1393123-6 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-0 MACOM-2-1393122-0 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-4 MACOM-2-1393122-4 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-8 MACOM-2-1393122-8 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-4 MACOM-2-1393123-4 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-2 MACOM-2-1393122-2 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com