Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2-1393197-9 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza 2-1393197-9
Descripción Electrónicos  Miniature PCB Relay T73
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393197-9 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393197-9 Datasheet HTML 1Page - Tyco Electronics 2-1393197-9 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
General Purpose Relays
PCB Relays
n
10A switching capacity
n
UL Class F coil insulation system standard
n
1 form A (NO) and 1 form C (CO) contact arrangement
n
Flux proof, wash tight plastic sealed case available
Typical applications
Appliances, HVAC, office machines
Approvals
UL E29244
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A (NO)
Rated voltage
120VAC, 24VDC
Max. switching voltage
120VAC, 28VDC
Rated current
10A
Contact material
AgCdO
Min. recommended contact load
100mA at 5VDC
Frequency of operation
1800 ops./h
Operate/release time max.
10/5ms
Electrical endurance
10A, 120VAC resistive 100x103 ops.
6A, 24VDC resistive 100x103 ops.
Contact ratings
10A, 120VAC resistive
6A, 24VDC resistive
3/4HP, 240VAC
Mechanical endurance, DC coil
10x106 operations
Coil Data
Coil voltage range
3 to 48VDC
Operative range, IEC 61810
2
Coil insulation system according UL
Class F
Coil Data (continued)
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
003
3
1.95
0.15
20
450
005
5
3.25
0.25
55.5
450
006
6
3.9
0.3
80
450
009
9
5.85
0.45
180
450
012
12
7.8
0.6
320
450
018
18
11.7
0.9
720
450
024
24
15.6
1.2
1280
450
048
48
31.2
2.4
3491
660
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
750Vrms
between contact and coil
2000Vrms
Clearance/creepage
between contact and coil
>1.6/3.2mm
Miniature PCB Relay T73
430
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• 10 amp switching capacity.
• UL Class F (155
°C) coil insulation system standard.
• 1 Form A and 1 Form C contact arrangements.
• Ideal for domestic appliances, HVAC and security.
• Resists high temperature and various chemical solutions.
• Immersion cleanable, plastic sealed case available.
Coil Data @ 20
°C
Voltage: 3 to 48VDC.
Nominal Power: 450 milliwatts.
660 milliwatts for 48VDC coil.
Coil Temperature Rise: 35C
° max, at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
T73 series
Low Profile, 10 Amp
Printed Circuit
Board Relay
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
Weight: 0.42 oz. (12g).
File E29244
File LR48471
Initial Insulation Resistance
Between Mutually Insulated Elements: 108 ohms min. @ 500VDC.
Ag contact rating.
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 2,000VAC 50/60 Hz. (1 minute).
Operate Data @ 20
°C
Operate Time: 10 ms (excluding bounce).
Release Time: 5 ms (excluding bounce).
Environmental Data
Temperature Range:
Storage: -40
°C to +130°C.
Operating: -30
°C to +80°C.
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 100g min.
Operational: 10g min.
Operating Humidity: 45 to 85% RH.
Coil Data @ 20
°C
Rated Coil
Coil
Must Operate
Must Release
Voltage
Resistance
Voltage
Voltage
(VDC)
(Ohms) +10%
(VDC)
(VDC)
3
20
1.95
0.15
5
56
3.25
0.25
6
80
3.90
0.30
9
180
5.85
0.45
12
320
7.80
0.60
18
720
11.7
0.90
24
1,150
15.6
1.20
48
3,500
31.2
2.40
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Silver-cadmium oxide.
Max. Switching Rate: 240 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations.
Minimum Load: 10mA @ 5VDC
Initial Contact Resistance: 100 milliohms max. @ 100mA, 6VDC.
Contact Ratings @ 20
°C with relay properly vented. Remove vent
nib after soldering and cleaning.
Contact
Typical Ratings
Type
Operations
Arrang.
1 & 5
1/3HP NO @ 240VAC
Motor
30,000
10A NO @ 120VAC
Resistive
100,000
6A NO @ 120VAC
Resistive
100,000
6A NO @ 24VDC
Resistive
100,000
10A/5A @ 120VAC
Resistive
100,000
1/4HP NO @ 120VAC
Motor
Consult factory for other ratings.
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
12
10
8
6
4
2
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
2
Contact Current (A)
10
1
4
6
8
10
12
0
120VAC Resistive
28VDC Resistive
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Coil temperature rise
Operate time
430
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• 10 amp switching capacity.
• UL Class F (155
°C) coil insulation system standard.
• 1 Form A and 1 Form C contact arrangements.
• Ideal for domestic appliances, HVAC and security.
• Resists high temperature and various chemical solutions.
• Immersion cleanable, plastic sealed case available.
Coil Data @ 20
°C
Voltage: 3 to 48VDC.
Nominal Power: 450 milliwatts.
660 milliwatts for 48VDC coil.
Coil Temperature Rise: 35C
° max, at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
T73 series
Low Profile, 10 Amp
Printed Circuit
Board Relay
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
Weight: 0.42 oz. (12g).
File E29244
File LR48471
Initial Insulation Resistance
Between Mutually Insulated Elements: 108 ohms min. @ 500VDC.
Ag contact rating.
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 2,000VAC 50/60 Hz. (1 minute).
Operate Data @ 20
°C
Operate Time: 10 ms (excluding bounce).
Release Time: 5 ms (excluding bounce).
Environmental Data
Temperature Range:
Storage: -40
°C to +130°C.
Operating: -30
°C to +80°C.
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 100g min.
Operational: 10g min.
Operating Humidity: 45 to 85% RH.
Coil Data @ 20
°C
Rated Coil
Coil
Must Operate
Must Release
Voltage
Resistance
Voltage
Voltage
(VDC)
(Ohms) +10%
(VDC)
(VDC)
3
20
1.95
0.15
5
56
3.25
0.25
6
80
3.90
0.30
9
180
5.85
0.45
12
320
7.80
0.60
18
720
11.7
0.90
24
1,150
15.6
1.20
48
3,500
31.2
2.40
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Silver-cadmium oxide.
Max. Switching Rate: 240 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations.
Minimum Load: 10mA @ 5VDC
Initial Contact Resistance: 100 milliohms max. @ 100mA, 6VDC.
Contact Ratings @ 20
°C with relay properly vented. Remove vent
nib after soldering and cleaning.
Contact
Typical Ratings
Type
Operations
Arrang.
1 & 5
1/3HP NO @ 240VAC
Motor
30,000
10A NO @ 120VAC
Resistive
100,000
6A NO @ 120VAC
Resistive
100,000
6A NO @ 24VDC
Resistive
100,000
10A/5A @ 120VAC
Resistive
100,000
1/4HP NO @ 120VAC
Motor
Consult factory for other ratings.
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
12
10
8
6
4
2
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
2
Contact Current (A)
10
1
4
6
8
10
12
0
120VAC Resistive
28VDC Resistive
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
430
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• 10 amp switching capacity.
• UL Class F (155
°C) coil insulation system standard.
• 1 Form A and 1 Form C contact arrangements.
• Ideal for domestic appliances, HVAC and security.
• Resists high temperature and various chemical solutions.
• Immersion cleanable, plastic sealed case available.
Coil Data @ 20
°C
Voltage: 3 to 48VDC.
Nominal Power: 450 milliwatts.
660 milliwatts for 48VDC coil.
Coil Temperature Rise: 35C
° max, at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
T73 series
Low Profile, 10 Amp
Printed Circuit
Board Relay
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
Weight: 0.42 oz. (12g).
File E29244
File LR48471
Initial Insulation Resistance
Between Mutually Insulated Elements: 108 ohms min. @ 500VDC.
Ag contact rating.
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 2,000VAC 50/60 Hz. (1 minute).
Operate Data @ 20
°C
Operate Time: 10 ms (excluding bounce).
Release Time: 5 ms (excluding bounce).
Environmental Data
Temperature Range:
Storage: -40
°C to +130°C.
Operating: -30
°C to +80°C.
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 100g min.
Operational: 10g min.
Operating Humidity: 45 to 85% RH.
Coil Data @ 20
°C
Rated Coil
Coil
Must Operate
Must Release
Voltage
Resistance
Voltage
Voltage
(VDC)
(Ohms) +10%
(VDC)
(VDC)
3
20
1.95
0.15
5
56
3.25
0.25
6
80
3.90
0.30
9
180
5.85
0.45
12
320
7.80
0.60
18
720
11.7
0.90
24
1,150
15.6
1.20
48
3,500
31.2
2.40
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Silver-cadmium oxide.
Max. Switching Rate: 240 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations.
Minimum Load: 10mA @ 5VDC
Initial Contact Resistance: 100 milliohms max. @ 100mA, 6VDC.
Contact Ratings @ 20
°C with relay properly vented. Remove vent
nib after soldering and cleaning.
Contact
Typical Ratings
Type
Operations
Arrang.
1 & 5
1/3HP NO @ 240VAC
Motor
30,000
10A NO @ 120VAC
Resistive
100,000
6A NO @ 120VAC
Resistive
100,000
6A NO @ 24VDC
Resistive
100,000
10A/5A @ 120VAC
Resistive
100,000
1/4HP NO @ 120VAC
Motor
Consult factory for other ratings.
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
12
10
8
6
4
2
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
2
Contact Current (A)
10
1
4
6
8
10
12
0
120VAC Resistive
28VDC Resistive
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Electrical endurance
Note: Graphical data should not be used as a substitute for specific application verification.
To be used for estimates only.
U


Número de pieza similar - 2-1393197-9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
2-1393197-9 TEC-2-1393197-9 Datasheet
438Kb / 2P
   General Purpose Relays PCB Relays
2-1393197-9 TEC-2-1393197-9 Datasheet
137Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Descripción similar - 2-1393197-9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
JQC-3FF-S-H ETC-JQC-3FF-S-H Datasheet
212Kb / 2P
   PCB JQC-T73
logo
Tyco Electronics
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com