Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC274IDG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC274IDG4
Descripción Electrónicos  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC274IDG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLC274IDG4 Datasheet HTML 1Page - Texas Instruments TLC274IDG4 Datasheet HTML 2Page - Texas Instruments TLC274IDG4 Datasheet HTML 3Page - Texas Instruments TLC274IDG4 Datasheet HTML 4Page - Texas Instruments TLC274IDG4 Datasheet HTML 5Page - Texas Instruments TLC274IDG4 Datasheet HTML 6Page - Texas Instruments TLC274IDG4 Datasheet HTML 7Page - Texas Instruments TLC274IDG4 Datasheet HTML 8Page - Texas Instruments TLC274IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC274Y chip information
These chips, when properly assembled, display characteristics similar to the TLC274C. Thermal compression
or ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
PIN (11) IS INTERNALLY CONNECTED
TO BACK SIDE OF CHIP.
+
1OUT
1IN +
1IN −
VDD
(4)
(6)
(3)
(2)
(5)
(1)
+
(7)
2IN +
2IN −
2OUT
11
GND
+
3OUT
3IN +
3IN −
(13)
(10)
(9)
(12)
(8)
+
(14)
4OUT
4IN +
4IN −
68
108
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)


Número de pieza similar - TLC274IDG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC274IDG4 TI-TLC274IDG4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results

Descripción similar - TLC274IDG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJMOP-07 NJRC-NJMOP-07 Datasheet
197Kb / 6P
   ULTRA-LOW OFFSET VOLTAGE, LOW DRIFT OPERATIONAL AMPLIFIER
logo
Rohm
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
logo
KODENSHI_AUK CORP.
PIC7516 KODENSHI-PIC7516 Datasheet
197Kb / 3P
   Low level offset-voltage drift
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_04 Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com