Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2-1393217-5 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza 2-1393217-5
Descripción Electrónicos  Miniature PCB Relay RE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393217-5 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393217-5 Datasheet HTML 1Page - Tyco Electronics 2-1393217-5 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Miniature PCB Relay RE
n
1 pole 6 A, 1 form A (NO) contact
n
Sensitive coil 200 mW
n
4 kV coil-contact
n
Optimized height 10.6mm
n
PCB area 200mm2
n
Wash tight
n
Product in accordance to IEC 60335-1 (domestic appliances)
Typical applications
PLC’s, timers, temperature control, I/O cards, white goods
Approvals
VDE REG.-Nr. 5063, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
6A
Limiting making current, max 4s, duty factor 10%
15A
Breaking capacity max.
1500VA
Contact material
AgCdO, AgNi 0.15, AgNi 90/10
Frequency of operation, with/without load
360/72000 ops./h
Operate/release time max.
10/5ms
Bounce time max.
4ms
Contact ratings
Type
Contact Load
Cycles
IEC 61810
RE030
A (NO)
6A, 250VAC, cos
φ=1, 70°C
100x103
RE034
A (NO)
6A, 250VAC, cos
φ=1, 70°C
100x103
UL 508
RE030
A (NO)
1/4 hp, 240VAC, motor 40°C
30x103
RE030
A (NO)
B300 pilot duty 40°C
6x103
RE034
A (NO)
6A, 250VAC,general purpose, 70°C
100x103
RE034
A (NO)
B300 pilot duty 40°C
6x103
Mechanical endurance
>30x106 ops.
Coil Data
Coil voltage range
5 to 48 VDC
Operative range, IEC 61810
2
Coil insulation system according UL1446
F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
5
5
3.5
0.5
125
200
6
6
4.2
0.6
180
200
12
12
8.4
1.2
720
200
18
18
12.6
1.8
1620
200
24
24
16.8
2.4
28801)
200
48
48
33.6
4.8
115201)
200
1) Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Initial insulation resistance
open contact circuit
>10x109Ω
coil-contact circuit
>10x109Ω
Clearance/creepage
between contact and coil
≥4/4mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
F0141-B
Z
V


Número de pieza similar - 2-1393217-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
2-1393217-5 TEC-2-1393217-5 Datasheet
233Kb / 2P
   Optimized height 10.6mm
More results

Descripción similar - 2-1393217-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
2-1393217-0 MACOM-2-1393217-0 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
2-1393217-2 MACOM-2-1393217-2 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
2-1393217-4 MACOM-2-1393217-4 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
RE030005 MACOM-RE030005_05 Datasheet
147Kb / 2P
   Miniature PCB Relay RE
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com