Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBC-2-SS Datasheet(PDF) 1 Page - Major League Electronics

No. de pieza SMBC-2-SS
Descripción Electrónicos  Surface Mount Box Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAJOR-LEAGUE [Major League Electronics]
Página de inicio  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

SMBC-2-SS Datasheet(HTML) 1 Page - Major League Electronics

  SMBC-2-SS Datasheet HTML 1Page - Major League Electronics SMBC-2-SS Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Box Contact
SMBC-2-SV-S SERIES
13 FEB 07
Major League Electronics .079 cl Surface Mount Box Contact - Vertical
Row Specification
S = Single Row
Pins Per Row
SMBC-2 XX
S
XX
Ordering Information
02
LF
01 - 40
Lead Free
Packing Information
XX
X
XXX
Vertical
Polarized Position
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
Surface Mount
V
S
Footprint
S = pin 1 right
Plating Options
Matte Tin All Over
T
10µ Gold on Contact Area / Matte Tin on Tail
GT
G
10µ Gold on Contact Area / Flash on Tail
30µ Gold on Contact Area / Matte Tin on Tail
H
Gold Flash over Entire Pin
F
TR-P = Tape and Reel with Plastic Pick and Place pad
TB-P = Tube with Plastic Pick and Place pad
TB-0 = Tube without Pick and Place Pad
If left blank, packaging at MLE's discretion
Pad may be metal, mylar or plastic
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Specifications
Insertion Force - Single Contact only - H Plating:
3.7oz. (1,03N) avg with .0197 (0,50mm) sq. pin
Withdrawal Force - Single Contact only - H Plating:
2.2oz. (0,61N) avg with .0197 (0,50mm) sq. pin
Current Rating: 2.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 500V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 10 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Reflow: 260°C up to 10 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1,27) Ni
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Mates with:
BSTC,
BSTCM,
BSTCR,
BSTCRSM,
BSTS,
TBSTC,
TBSTCM,
TBSTS,
TBSTCM,
TBSTS,
TSHC,
TSHCR,
TSHCRE,
TSHCRSM,
TSHR,
TSHRE,
TSHS,
TSHSCM,
TTSHC,
TTSHCR,
TTSHCRE,
TTSHR,
TTSHRE,
TTSHS,
TTSHSM


Número de pieza similar - SMBC-2-SS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Major League Electronic...
SMBC-2-SM MAJOR-LEAGUE-SMBC-2-SM Datasheet
124Kb / 2P
   Surface Mount Box Contact
More results

Descripción similar - SMBC-2-SS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Major League Electronic...
SMBC-2-SM MAJOR-LEAGUE-SMBC-2-SM Datasheet
124Kb / 2P
   Surface Mount Box Contact
SMBC-2-DV MAJOR-LEAGUE-SMBC-2-DV_10 Datasheet
95Kb / 2P
   Surface Mount Box Contact
SMBC-2-DH MAJOR-LEAGUE-SMBC-2-DH Datasheet
129Kb / 2P
   Surface Mount Box Contact
SMBC-1-DH MAJOR-LEAGUE-SMBC-1-DH Datasheet
1Mb / 2P
   Surface Mount Box Contact - Horizontal
LSMBC-1-DV MAJOR-LEAGUE-LSMBC-1-DV Datasheet
110Kb / 2P
   .100cl Low Profile - Verticla Surface Mount Box Contact
SMBC-1-SS MAJOR-LEAGUE-SMBC-1-SS Datasheet
267Kb / 1P
   .100 cl Single Row Surface Mount Box Contact - Vertical
SMBC-1-SM MAJOR-LEAGUE-SMBC-1-SM Datasheet
267Kb / 1P
   .100 cl Single Row Surface Mount Box Contact - Vertical
LSMSS-7-S MAJOR-LEAGUE-LSMSS-7-S Datasheet
89Kb / 1P
   .0394 cl Single Row - Straight Surface Mount Box Contact
SMBC-1-SH MAJOR-LEAGUE-SMBC-1-SH Datasheet
256Kb / 1P
   .100 cl Single Row Surface Mount Box Contact - Horizontal
ULSMBC-2-DV MAJOR-LEAGUE-ULSMBC-2-DV Datasheet
266Kb / 1P
   .079 cl Dual Row - Surface Mount Ultra Low Profile - Box Contact - Vertical
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com