Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6482HTR Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza L6482HTR
Descripción Electrónicos  cSPIN?? microstepping motor controller with motion engine and SPI
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482HTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6482HTR Datasheet HTML 4Page - STMicroelectronics L6482HTR Datasheet HTML 5Page - STMicroelectronics L6482HTR Datasheet HTML 6Page - STMicroelectronics L6482HTR Datasheet HTML 7Page - STMicroelectronics L6482HTR Datasheet HTML 8Page - STMicroelectronics L6482HTR Datasheet HTML 9Page - STMicroelectronics L6482HTR Datasheet HTML 10Page - STMicroelectronics L6482HTR Datasheet HTML 11Page - STMicroelectronics L6482HTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
Block diagram
L6482
8/73
Doc ID 023768 Rev 2
1
Block diagram
Figure 1.
Block diagram
ADC
Charge
pump
Vdd
Current
sensing
STBY/RESET
FLAG
CS
CK
SDO
SDI
BUSY/SYNC
SW
STCK
DGND
VDD
ADCIN
VCC
CP
VBOOT
PGND
VS
CORE
LOGIC
VCC
HVGA1
LVGA1
HVGA2
LVGA2
HVB1
LVGB1
OUTA1
OUTA2
OUTB1
HVGB2
LVGB2
OUTB2
Vboot
Vboot
Vboot
Vboot
VSENSEA
VSENSEB
AGND
VCC
VCC
VCC
Voltage reg.
VCC
VSREG
VCC REG
Ext. Osc. driver
&
Clock gen.
OSCIN
OSCOUT
16 MHz
Oscillator
Temperature
sensing
VREG
Voltage reg.
VREG
AM15031v1


Número de pieza similar - L6482HTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6480 STMICROELECTRONICS-L6480 Datasheet
732Kb / 73P
   The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
L6480H STMICROELECTRONICS-L6480H Datasheet
732Kb / 73P
   The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
L6480HTR STMICROELECTRONICS-L6480HTR Datasheet
732Kb / 73P
   The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
logo
Hamamatsu Corporation
L6486 HAMAMATSU-L6486 Datasheet
123Kb / 2P
   Plastic package LED for camera auto-focus
More results

Descripción similar - L6482HTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
EVAL6470H STMICROELECTRONICS-EVAL6470H Datasheet
743Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
logo
New Japan Radio
NJU39610 NJRC-NJU39610 Datasheet
157Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
NJU39612 NJRC-NJU39612 Datasheet
139Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
logo
Asahi Kasei Microsystem...
AP1021AEN AKM-AP1021AEN Datasheet
933Kb / 24P
   32V Dual Microstepping Motor Driver IC with SPI
AP1021 AKM-AP1021 Datasheet
933Kb / 24P
   32V Dual Microstepping Motor Driver IC with SPI
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
   HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
logo
STMicroelectronics
AN3208 STMICROELECTRONICS-AN3208 Datasheet
289Kb / 19P
   Microstepping motor drive with STM8A and STM8S microcontrollers
logo
Allegro MicroSystems
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
   MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com