Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5338R Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD5338R
Descripción Electrónicos  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5338R Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5338R Datasheet HTML 2Page - Analog Devices AD5338R Datasheet HTML 3Page - Analog Devices AD5338R Datasheet HTML 4Page - Analog Devices AD5338R Datasheet HTML 5Page - Analog Devices AD5338R Datasheet HTML 6Page - Analog Devices AD5338R Datasheet HTML 7Page - Analog Devices AD5338R Datasheet HTML 8Page - Analog Devices AD5338R Datasheet HTML 9Page - Analog Devices AD5338R Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5338R
Data Sheet
Rev. 0 | Page 6 of 28
TIMING CHARACTERISTICS
VDD = 2.5 V to 5.5 V; 1.8 V ≤ VLOGIC ≤ 5.5 V; all specifications TMIN to TMAX, unless otherwise noted. See Figure 2.
Table 4.
Parameter1
Min
Max
Unit
Test Conditions/Comments
t1
2.5
µs
SCL cycle time
t2
0.6
µs
SCL high time, tHIGH
t3
1.3
µs
SCL low time, tLOW
t4
0.6
µs
Start/repeated start condition hold time, tHD,STA
t5
100
ns
Data setup time, tSU,DAT
t62
0
0.9
µs
Data hold time, tHD,DAT
t7
0.6
µs
Setup time for repeated start, tSU,STA
t8
0.6
µs
Stop condition setup time, tSU,STO
t9
1.3
µs
Bus free time between a stop and a start condition, tBUF
t10
0
300
ns
Rise time of SCL and SDA when receiving, tR
t11
20 + 0.1CB3
300
ns
Fall time of SDA and SCL when transmitting/receiving, tF
t12
20
ns
LDAC pulse width
t13
400
ns
SCL rising edge to LDAC rising edge
CB3
400
pF
Capacitive load for each bus line
1
Guaranteed by design and characterization; not production tested.
2
A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH minimum of the SCL signal) to bridge the undefined region of the
falling edge of the SCL.
3
CB is the total capacitance of one bus line in pF. tR and tF measured between 0.3 VDD and 0.7 VDD.
Figure 2. 2-Wire Serial Interface Timing Diagram
SCL
SDA
t1
t3
LDAC1
LDAC2
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
NOTES
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
t4
t6
t5
t7
t8
t2
t13
t4
t11
t10
t12
t12
t9


Número de pieza similar - AD5338R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5338R AD-AD5338R Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
AD5338RBCPZ-RL7 AD-AD5338RBCPZ-RL7 Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
AD5338RBRUZ AD-AD5338RBRUZ Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
AD5338RBRUZ-RL7 AD-AD5338RBRUZ-RL7 Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
AD5338R AD-AD5338R_17 Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
More results

Descripción similar - AD5338R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5316R AD-AD5316R Datasheet
1Mb / 24P
   Quad, 10-Bit nanoDAC Reference, I2C Interface
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com