Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-2731 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza HCPL-2731
Descripción Electrónicos  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2731 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HCPL-2731 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-2731 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2731 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2731 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2731 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2731 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2731 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2731 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2731 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
(RL = 4.7 k$, IF = 0.5 mA)
30
6N139
TA = 25°C4
25
(RL = 4.7 k$, IF = 0.5 mA)
HCPL-2731
120
Each Channel
TA = 25°C
3
100
Propagation delay
(RL = 270 $, IF = 12 mA)
6N139
2µs
time to logic low
TA = 25°C
0.2
1
(Note 2) (Fig. 22)
(RL = 270 $, IF = 12 mA)
TPHL
HCPL-2730
3
Each Channel
TA = 25°C
HCPL-2731
0.3
2
(RL = 2.2 k$, IF = 1.6 mA)
6N138
15
TA = 25°C
1.5
10
(RL = 2.2 k$, IF = 1.6 mA)
25
HCPL-2731
Each Channel
TA = 25°C
HCPL-2730
120
(RL = 4.7 k$, IF = 0.5 mA)
6N139
90
Each Channel
HCPL-2731
(RL = 4.7 k$, IF = 0.5 mA) TA = 25°C
6N139
12
60
Each Channel
HCPL-2731
22
(RL = 270 $, IF = 12 mA)
6N139
10
Propagation delay
TA = 25°C
1.3
7
time to logic high
(RL = 270 $, IF = 12 mA) Each Channel
TPLH
15
µs
(Note 2) (Fig. 22)
HCPL-2730
TA = 25°C
HCPL-2731
510
(RL = 2.2 k$, IF = 1.6 mA)
6N138
50
Each Channel
HCPL-2730/1
(RL = 2.2 k$, IF = 1.6 mA) TA = 25°C
6N138
7
35
Each Channel
HCPL-2730/1
16
Common mode
(IF = 0 mA, %VCM% = 10 VP-P)
6N138
transient
TA = 25°C, (RL = 2.2 k$) (Note 3) (Fig. 23)
|CMH|
6N139
1,000
10,000
V/µs
immunity at
Each Channel
HCPL-2730
logic high
HCPL-2731
Common mode
(IF = 1.6 mA, %VCM% = 10 VP-P, RL = 2.2 k$)
6N138
transient
TA = 25°C (Note 3) (Fig. 23)
|CML|
6N139
1,000
10,000
V/µs
immunity at
Each Channel
HCPL-2730
logic low
HCPL-2731
SWITCHING CHARACTERISTICS (TA = 0 to 70°C unless otherwise specified., VCC = 5 V)
** All typicals at TA = 25°C
SINGLE-CHANNEL
DUAL-CHANNEL
6N138
HCPL-2730
6N139
HCPL-2731
12/27/99
200023A
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS


Número de pieza similar - HCPL-2731

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HCPL-2731 QT-HCPL-2731 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2731 HP-HCPL-2731 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2731 AVAGO-HCPL-2731 Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
More results

Descripción similar - HCPL-2731

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com