Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT573CPC Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74ABT573CPC
Descripción Electrónicos  Octal D-Type Latch with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT573CPC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ABT573CPC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT573CPC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT573CPC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT573CPC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT573CPC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT573CPC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT573CPC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT573CPC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT573CPC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
Extended AC Electrical Characteristics
(SOIC Package)
Note 9: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase (i.e., all LOW-to-
HIGH, HIGH-to-LOW, etc.).
Note 10: This specification is guaranteed but not tested. The limits represent propagation delay with 250 pF load capacitors in place of the 50 pF load capac-
itors in the standard AC load. This specification pertains to single output switching only.
Note 11: This specification is guaranteed but not tested. The limits represent propagation delays for all paths described switching in phase (i.e., all LOW-to-
HIGH, HIGH-to-LOW, etc.) with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load.
Note 12: The 3-STATE delay times are dominated by the RC network (500
:, 250 pF) on the output and has been excluded from the datasheet.
Skew
(Note 13)
(SOIC Package)
Note 13: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase (i.e., all LOW-to-
HIGH, HIGH-to-LOW, etc.)
Note 14: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load.
Note 15: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-
to-LOW (tOST). This specification is guaranteed but not tested.
Note 16: This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same pin. It is measured across all
the outputs (drivers) on the same chip, the worst (largest delta) number is the guaranteed specification. This specification is guaranteed but not tested.
Note 17: Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This specification is guaranteed but not
tested.
Capacitance
Note 18: COUT is measured at frequency f 1 MHz per MIL-STD-883B, Method 3012.
Symbol
Parameter
TA 40qC to 85qCTA 40qC to 85qCTA 40qC to 85qC
Units
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
CL 50 pF
CL 250 pF
CL 250 pF
8 Outputs Switching
(Note 10)
8 Outputs Switching
(Note 9)
(Note 11)
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.5
5.2
2.0
6.8
2.0
9.0
ns
tPHL
Dn to On
1.55.2
2.06.8
2.09.0
tPLH
Propagation Delay
1.5
5.5
2.0
7.5
2.0
9.5
ns
tPHL
LE to On
1.55.5
2.07.5
2.09.5
tPZH
Output Enable Time
1.5
6.2
2.0
8.0
2.0
10.5
ns
tPZL
1.5
6.2
2.0
8.0
2.0
10.5
tPHZ
Output Disable Time
1.0
5.5
(Note 12)
(Note 12)
ns
tPLZ
1.0
5.5
Symbol
Parameter
TA 40qC to 85qCTA 40qC to 85qC
Units
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
CL 50 pF
CL 250 pF
8 Outputs Switching
8 Outputs Switching
(Note 13)
(Note 14)
Max
Max
tOSHL (Note 15)
Pin to Pin Skew, HL Transitions
1.0
1.5
ns
tOSLH (Note 15)
Pin to Pin Skew, LH Transitions
1.0
1.5
ns
tPS (Note 16)
Duty Cycle, LH–HL Skew
1.4
3.5
ns
tOST (Note 15)
Pin to Pin Skew, LH/HL Transitions
1.5
3.9
ns
tPV (Note 17)
Device to Device Skew LH/HL Transitions
2.0
4.0
ns
Symbol
Parameter
Typ
Units
Conditions
(TA 25qC)
CIN
Input Capacitance
5
pF
VCC 0V
COUT (Note 18)
Output Capacitance
9
pF
VCC 5.0V


Número de pieza similar - 74ABT573CPC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ABT573CMSA FAIRCHILD-74ABT573CMSA Datasheet
311Kb / 13P
   Octal D-Type Latch with 3-STATE Outputs
74ABT573CMTC FAIRCHILD-74ABT573CMTC Datasheet
311Kb / 13P
   Octal D-Type Latch with 3-STATE Outputs
74ABT573CMTCX_NL FAIRCHILD-74ABT573CMTCX_NL Datasheet
311Kb / 13P
   Octal D-Type Latch with 3-STATE Outputs
74ABT573CSC FAIRCHILD-74ABT573CSC Datasheet
311Kb / 13P
   Octal D-Type Latch with 3-STATE Outputs
74ABT573CSCX_NL FAIRCHILD-74ABT573CSCX_NL Datasheet
311Kb / 13P
   Octal D-Type Latch with 3-STATE Outputs
More results

Descripción similar - 74ABT573CPC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com