Nombre de pieza
         Descripción
74AC05

 Hex Inverter with Open Drain Outputs ( 4 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 4 page
background image
www.fairchildsemi.com
4
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
Package Number M14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
ACS05MSRadiation Hardened Hex Inverter with Open Drain Outputs 1 2 Intersil Corporation
74LCX06Low Voltage Hex Inverter/Buffer with Open Drain Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MC74LCX06Low-Voltage CMOS Hex Inverter with Open Drain Outputs 1 2 3 4 5 MoreON Semiconductor
54AC05Hex Inverter with Open Drain Outputs 1 2 3 4 5 MoreNational Semiconductor
SN74LV06AHEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS 1 2 3 4 5 MoreTexas Instruments
HD74LV06AHex Inverter Buffers / Drivers with Open Drain Outputs 1 2 3 4 5 MoreHitachi Semiconductor
HCS05MSRadiation Hardened Hex Inverter with Open Drain 1 2 3 4 5 MoreIntersil Corporation
74LCX07Low Voltage Hex Buffer with Open Drain Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN54LV07AHEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS 1 2 3 4 5 MoreTexas Instruments
MC74LCX07Low-Voltage CMOS Hex Buffer with Open Drain Outputs 1 2 3 4 5 MoreON Semiconductor