Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
4N37.300W Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
4N37.300W Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 15 page 6/15/05 Page 5 of 15 © 2005 Fairchild Semiconductor Corporation GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 4N25 4N26 4N27 4N28 4N35 4N36 4N37 H11A1 H11A2 H11A3 H11A4 H11A5 * Typical values at TA = 25°C AC Characteristic Test Conditions Symbol Device Min Typ* Max Unit Turn-off Time (IF = 10 mA, VCC = 10 V, RL = 100Ω) (Fig.20) TOFF 4N25 4N26 4N27 4N28 H11A1 H11A2 H11A3 H11A4 H11A5 2 µs (IC = 2 mA, VCC = 10 V, RL = 100Ω) (Fig.20) 4N35 4N36 4N37 210 TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.) (Continued) |
Número de pieza similar - 4N37.300W |
|
Descripción similar - 4N37.300W |