Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC299SCX_NL Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza 74AC299SCX_NL
Descripción Electrónicos  8-Input Universal Shift/Storage Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC299SCX_NL Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AC299SCX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74AC299SCX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74AC299SCX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74AC299SCX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74AC299SCX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74AC299SCX_NL Datasheet HTML 8Page - Fairchild Semiconductor 74AC299SCX_NL Datasheet HTML 9Page - Fairchild Semiconductor 74AC299SCX_NL Datasheet HTML 10Page - Fairchild Semiconductor 74AC299SCX_NL Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
AC Electrical Characteristics for ACT
Note 10: Voltage Range 5.0 is 5.0V
r 0.5V
AC Operating Requirements for ACT
Note 11: Voltage Range 5.0 is 5.0V
r 0.5V.
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 10)
Min
Typ
Max
Min
Max
fMAX
Maximum Input Frequency
5.0
120
170
110
MHz
tPLH
Propagation Delay
5.0
4.0
8.5
12.5
3.0
14.0
ns
CP to Q0 or Q7 (Shift Left or Right)
tPHL
Propagation Delay
5.0
4.0
9.0
13.5
3.5
15.0
ns
CP to Q0 or Q7 (Shift Left or Right)
tPLH
Propagation Delay
5.0
4.5
8.5
12.5
4.5
13.5
ns
CP to I/On
tPHL
Propagation Delay
5.0
5.0
9.5
15.0
4.5
16.5
ns
CP to I/On
tPHL
Propagation Delay
5.0
4.0
14.0
15.0
4.0
18.0
ns
MR to Q0 or Q7
tPHL
Propagation Delay
5.0
4.0
13.0
14.5
3.5
17.5
ns
MR to I/On
tPZH
Output Enable Time
5.0
2.5
8.0
12.0
1.5
13.0
ns
OE to I/On
tPZL
Output Enable Time
5.0
2.0
8.0
12.0
1.5
13.5
ns
OE to I/On
tPHZ
Output Disable Time
5.0
2.0
8.5
12.5
2.0
13.5
ns
OE to I/On
tPLZ
Output Disable Time
5.0
2.5
8.0
11.5
2.0
12.5
ns
OE to I/On
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 11)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
2.0
5.0
5.5
ns
S0 or S1 to CP
tH
Hold Time, HIGH or LOW
5.0
2.0
1.0
1.0
ns
S0 or S1 to CP
tS
Setup Time, HIGH or LOW
5.0
1.5
4.0
4.5
ns
I/On to CP
tH
Hold Time, HIGH or LOW
5.0
1.0
1.0
1.0
ns
I/On to CP
tS
Setup Time, HIGH or LOW
5.0
1.5
4.5
5.0
ns
DS0 or DS7 to CP
tH
Hold Time, HIGH or LOW
5.0
1.0
1.0
1.0
ns
DS0 or DS7 to CP
tW
CP Pulse Width
5.0
2.0
4.0
4.5
ns
HIGH or LOW
tW
MR Pulse Width, LOW
5.0
2.0
3.5
3.5
ns
tREC
Recovery Time, MR to CP
5.0
0
1.5
1.5
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC 5.0V
CPD
Power Dissipation Capacitance
170
pF
VCC 5.5V


Número de pieza similar - 74AC299SCX_NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74AC299B STMICROELECTRONICS-74AC299B Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74AC299M STMICROELECTRONICS-74AC299M Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
STMicroelectronics
74AC299MTR STMICROELECTRONICS-74AC299MTR Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
More results

Descripción similar - 74AC299SCX_NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
   8-Input Universal Shift/Storage Register with
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
   8-bit shift register with input storage registers
1991 Sep 13
logo
National Semiconductor ...
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com