Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT273 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74ACT273
Descripción Electrónicos  Octal D-Type Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT273 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACT273 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT273 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT273 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT273 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT273 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT273 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT273 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT273 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT273 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics for ACT
Note 8: All outputs loaded; thresholds on input associated with output under test.
Note 9: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for ACT
Note 10: Voltage Range 5.0 is 5.0V
r 0.5V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT
0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT 50 PA
Output Voltage
5.5
5.49
5.4
5.4
VIN VIL or VIH
4.5
3.86
3.76
V
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 8)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
VIN VIL or VIH
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 8)
IIN
Maximum Input
5.5
r0.1
r1.0
PAVI VCC, GND
Leakage Current
ICCT
Maximum
5.5
0.6
1.5
mA
VI VCC  2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 9)
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
PAVIN VCC
Supply Current
or GND
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 10)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
2.0
125
189
110
MHz
tPLH
Propagation Delay
5.0
1.5
6.5
8.5
1.5
9.0
ns
tPHL
CP to Qn
tPHL
Propagation Delay
5.0
1.5
7.0
9.0
1.5
8.5
ns
MR to Qn


Número de pieza similar - 74ACT273

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
ON Semiconductor
74ACT273 ONSEMI-74ACT273 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
logo
Fairchild Semiconductor
74ACT273 FAIRCHILD-74ACT273 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
74ACT273B STMICROELECTRONICS-74ACT273B Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74ACT273B STMICROELECTRONICS-74ACT273B Datasheet
79Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
More results

Descripción similar - 74ACT273

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com