Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACQ646 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74ACQ646
Descripción Electrónicos  Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ646 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACQ646 Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ646 Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ646 Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ646 Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ646 Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ646 Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ646 Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ646 Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ646 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics for ACQ (Continued)
Note 3: Maximum of 8 outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Note 6: Plastic DIP package.
Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 5V. One output @ GND.
Note 8: Max number of Data Inputs (n) switching. (n
− 1) inputs switching 0V to 5V (ACQ). Input-under-test switching 5V to threshold (V
ILD),
0V to threshold (VIHD) f = 1MHz.
DC Electrical Characteristics for ACTQ
Note 9: All outputs loaded; thresholds on input associated with output under test.
Note 10: Maximum test duration 2.0 ms, one output loaded at a time.
Note 11: Plastic DIP Package.
Note 12: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
Note 13: Max number of data inputs (n) switching. (n
− 1) inputs switching 0V to 3V (ACTQ). Input-under-test switching: 3V to threshold (V
ILD),
0V to threshold (VIHD), f = 1 MHz.
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VOLV
Quiet Output
5.0
−0.6
−1.2
V
Figures 5, 6
Minimum Dynamic VOL
(Note 6)(Note 7)
VIHD
Minimum HIGH Level
5.0
3.1
3.5
V
(Note 6)(Note 8)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.9
1.5
V
(Note 6)(Note 8)
Dynamic Input Voltage
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 9)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 9)
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
µAV
I = VCC, GND
IOZT
Maximum I/O Leakage Current
5.5
±0.6
±6.0
µA
VI = VIL, VIH
(An, Bn Inputs)
VO = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 10)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
8.0
80.0
µA
VIN = VCC
Supply Current
or GND
VOLP
Quiet Output
5.0
1.1
1.5
V
Figures 5, 6
Maximum Dynamic VOL
(Note 11)(Note 12)
VOLV
Quiet Output
5.0
−0.6
−1.2
V
Figures 5, 6
Minimum Dynamic VOL
(Note 11)(Note 12)
VIHD
Minimum HIGH Level
5.0
1.7
2.0
V
(Note 11)(Note 13)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.2
0.8
V
(Note 11)(Note 13)
Dynamic Input Voltage


Número de pieza similar - 74ACQ646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACQ657 FAIRCHILD-74ACQ657 Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
74ACQ657SPC FAIRCHILD-74ACQ657SPC Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results

Descripción similar - 74ACQ646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ACTQ646 NSC-54ACTQ646 Datasheet
186Kb / 9P
   Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
54ACQ646 TI1-54ACQ646 Datasheet
231Kb / 11P
[Old version datasheet]   54ACTQ646 Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com