Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ACT16543 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
74ACT16543 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page www.fairchildsemi.com 2 Functional Description The ACT16543 contains sixteen non-inverting transceivers with 3-STATE outputs. The device is byte controlled with each byte functioning identically, but independent of the other. The control pins may be shorted together to obtain full 16-bit operation. The following description applies to each byte. For data flow from A to B, for example, the A-to- B Enable (CEABn) input must be LOW in order to enter data from A0–A15 or take data from B0–B15, as indicated in the Data I/O Control Table. With CEABn LOW, a LOW sig- nal on the A-to-B Latch Enable (LEABn) input makes the A- to-B latches transparent; a subsequent LOW-to-HIGH tran- sition of the LEABn signal puts the A latches in the storage mode and their outputs no longer change with the A inputs. With CEABn and OEABn both LOW, the 3-STATE B output buffers are active and reflect the data present at the output of the A latches. Control of data flow from B to A is similar, but using the CEBAn, LEBAn and OEBAn inputs. Data I/O Control Table H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial A-to-B data flow shown; B-to-A flow control is the same, except using CEBAn, LEBAn and OEBAn Logic Diagrams Byte 1 (0:7) Byte 2 (8:15) Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. Inputs Latch Status (Byte n) Output Buffers (Byte n) CEABn LEABn OEABn H X X Latched High Z X H X Latched — L L X Transparent — X X H — High Z L X L — Driving |
Número de pieza similar - 74ACT16543 |
|
Descripción similar - 74ACT16543 |