Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8237 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8237
Descripción Electrónicos  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8237 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8237 Datasheet HTML 6Page - Analog Devices AD8237 Datasheet HTML 7Page - Analog Devices AD8237 Datasheet HTML 8Page - Analog Devices AD8237 Datasheet HTML 9Page - Analog Devices AD8237 Datasheet HTML 10Page - Analog Devices AD8237 Datasheet HTML 11Page - Analog Devices AD8237 Datasheet HTML 12Page - Analog Devices AD8237 Datasheet HTML 13Page - Analog Devices AD8237 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8237
Data Sheet
Rev. 0 | Page 10 of 28
6
5
–1
0
1
2
3
4
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
OUTPUT VOLTAGE (V)
VS = 1.8V
VS = 5V
G = 1
VREF = 0V
RL = 10kΩ
Figure 10. Input Common-Mode Voltage vs. Output Voltage,
G = 1, VREF = 0 V, VS = 5 V and VS = 1.8 V, RL = 10 kΩ to Ground
6
5
–1
0
1
2
3
4
0
1
2
3
4
5
6
OUTPUT VOLTAGE (V)
VS = 1.8V
VS = 5V
G = 100
VREF = 0V
RL = 10kΩ
Figure 11. Input Common-Mode Voltage vs. Output Voltage,
G = 100, VREF = 0 V, VS = 5 V and VS = 1.8 V, RL = 10 kΩ to Ground
4
3
2
1
–4
–3
–2
–1
0
–3
3
2
1
0
–1
–2
VOLTAGE OUTPUT (V)
G = 1
VREF = 0V
RL = 5kΩ
VS = ±2.5V
VS = ±0.9V
Figure 12. Input Common-Mode Voltage vs. Output Voltage,
G = 1, VREF = 0 V, VS = ±2.5 V and VS = ±0.9 V, RL = 5 kΩ to Ground
4
3
2
1
–4
–3
–2
–1
0
–3
3
2
1
0
–1
–2
OUTPUT VOLTAGE (V)
VS = ±2.5V
VS = ±0.9V
G = 100
VREF = 0V
RL = 5kΩ
Figure 13. Input Common-Mode Voltage vs. Output Voltage,
G = 100, VREF = 0 V, VS = ±2.5 V and VS = ±0.9 V, RL = 5 kΩ to Ground
5.0
4.5
4.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1.8
2.3
2.8
3.3
3.8
4.3
4.8
SUPPLY VOLTAGE (V)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 14. Maximum Differential Input vs. Supply Voltage
5
–5
–3.0
3.0
COMMON-MODE VOLTAGE (V)
–4
–3
–2
–1
0
1
2
3
4
–2.5 –2.0 –1.5 –1.0 –0.5
0
0.5
1.0
1.5
2.0
2.5
+VS
–VS
IB+
IB
REPRESENTATIVE SAMPLE
Figure 15. Input Bias Current vs. Common-Mode Voltage


Número de pieza similar - AD8237

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8237ARMZ AD-AD8237ARMZ Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237ARMZ-R7 AD-AD8237ARMZ-R7 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237ARMZ-RL AD-AD8237ARMZ-RL Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
More results

Descripción similar - AD8237

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
logo
Texas Instruments
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
[Old version datasheet]   Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA333 TI-INA333_1 Datasheet
652Kb / 23P
[Old version datasheet]   Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com