Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-2231 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-2231
Descripción Electrónicos  Low Input Current Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2231 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2231 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2231 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2231 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2231 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2231 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2231 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2231 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2231 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2231 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
4.5
20
V
Enable Voltage High
VEH
2.0
20
V
Enable Voltage Low
VEL
00.8
V
Forward Input Current
IF(ON)
1.6*
5
mA
Forward Input Current
IF(OFF)
–0.1
mA
Operating Temperature
TA
085[1]
°C
Fan Out
N
4
TTL Loads
*The initial switching threshold is 1.6 mA or less. It is recommended that 2.2 mA be used to permit
at least a 20% CTR degradation guardband.
Absolute Maximum Ratings
(No Derating Required up to 70
°C)
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
85
°C1
Average Forward Input Current
IF(AVG)
10
mA
Peak Transient Input Current
IF(TRAN)
1.0
A
(
≤1 µs Pulse Width, 300 pps)
Reverse Input Voltage
VR
5V
Average Output Current
IO
25
mA
Supply Voltage
VCC
020
V
Three State Enable Voltage
VE
-0.5
20
V
Output Voltage
VO
-0.5
20
V
Total Package Power Dissipation
PT
210
mW
1
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section


Número de pieza similar - HCPL-2231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-2231 HP-HCPL-2231 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-2231 HP-HCPL-2231 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231 HP-HCPL-2231 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Descripción similar - HCPL-2231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200 Datasheet
210Kb / 14P
   LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com