Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACTQ08PC Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74ACTQ08PC
Descripción Electrónicos  Quiet Series??Quad 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ08PC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACTQ08PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ08PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ08PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ08PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ08PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ08PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ08PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
± 0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay Data to Output
5.0
2.5
6.0
6.5
2.5
7.0
ns
tPHL
Propagation Delay Data to Output
5.0
2.5
6.0
6.5
2.5
7.0
ns
tOSHL
Output to Output
5.0
0.5
1.0
1.0
ns
tOSLH
Skew (Note 8)
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
70
pF
VCC = 5.0V


Número de pieza similar - 74ACTQ08PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ08SC FAIRCHILD-74ACTQ08SC Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ08SJ FAIRCHILD-74ACTQ08SJ Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ08 FAIRCHILD-74ACTQ08_07 Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
More results

Descripción similar - 74ACTQ08PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACTQ08 FAIRCHILD-74ACTQ08_07 Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00_99 Datasheet
60Kb / 6P
   Quiet Series?줢uad 2-Input NAND Gate
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com