Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54VCXHR162245 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza 54VCXHR162245
Descripción Electrónicos  Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXHR162245 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 54VCXHR162245_11 Datasheet HTML 3Page - STMicroelectronics 54VCXHR162245_11 Datasheet HTML 4Page - STMicroelectronics 54VCXHR162245_11 Datasheet HTML 5Page - STMicroelectronics 54VCXHR162245_11 Datasheet HTML 6Page - STMicroelectronics 54VCXHR162245_11 Datasheet HTML 7Page - STMicroelectronics 54VCXHR162245_11 Datasheet HTML 8Page - STMicroelectronics 54VCXHR162245_11 Datasheet HTML 9Page - STMicroelectronics 54VCXHR162245_11 Datasheet HTML 10Page - STMicroelectronics 54VCXHR162245_11 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
54VCXHR162245
Maximum rating
Doc ID 10651 Rev 8
7/18
3.1
Recommended operating conditions
Table 4.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.8 to 3.6
V
VI
Input voltage
-0.3 to 3.6
V
VO
Output voltage (OFF state)
0 to 3.6
V
VO
Output voltage (high or low state)
0 to VCC
V
IOH, IOL
High or low level output current (VCC = 3.0 to 3.6 V)
± 12
mA
IOH, IOL
High or low level output current (VCC = 2.3 to 2.7 V)
± 8mA
Top
Operating temperature
-55 to 125
°C
dt/dv
Input rise and fall time (1)
1.
VIN from 0.8 V to 2 V at VCC = 3.0 V
0 to 10
ns/V


Número de pieza similar - 54VCXHR162245_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_07 Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
More results

Descripción similar - 54VCXHR162245_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
54VCXH162245 STMICROELECTRONICS-54VCXH162245_11 Datasheet
485Kb / 19P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_07 Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245 Datasheet
505Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162373 STMICROELECTRONICS-54VCXH162373_11 Datasheet
506Kb / 18P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
   Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com