Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDPQ2010NP-5R6MC-180 Datasheet(PDF) 4 Page - Sumida Corporation

No. de pieza CDPQ2010NP-5R6MC-180
Descripción Electrónicos  Ferrite core construction, Magnetically shielded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPQ2010NP-5R6MC-180 Datasheet(HTML) 4 Page - Sumida Corporation

  CDPQ2010NP-5R6MC-180 Datasheet HTML 1Page - Sumida Corporation CDPQ2010NP-5R6MC-180 Datasheet HTML 2Page - Sumida Corporation CDPQ2010NP-5R6MC-180 Datasheet HTML 3Page - Sumida Corporation CDPQ2010NP-5R6MC-180 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
Revised: 23-Apr-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDPQ2010
0
4
8
12
16
20
24
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
4
8
12
16
20
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
5
10
15
20
25
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
13. CDPQ2010NP-100MC-330
△T (℃)
L (
μH)
14. CDPQ2010NP-140MC-330
△T (℃)
L (
μH)
15. CDPQ2010NP-180MC-330
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
L (20
℃)
△T
L (105
℃)
Solder Reflow Condition
170
±10 ℃,60~120s
40s
230
245℃ PEAK
Heat Endurance
Temperature Chart
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T (℃)
T (s)
60
260℃
230℃
0
100
150
200
250
300
50
T (℃)
300
120
180
240
0
T (s)
60
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@sumida-eu.com
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
sales@us.sumida.com
Tel.+65-6296-3388
FAX.+65-6296-3390
sales@sg.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
sales@jp.sumida.com
San Jose
Singapore
Seoul
Tokyo
Please refer to the sales offices on our website - http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
shanghai.sales@cn.sumida.com
Tel.+852-2880-6688
FAX.+852-2565-9600
sales@hk.sumida.com


Número de pieza similar - CDPQ2010NP-5R6MC-180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDPQ2010NP-5R6M-160 SUMIDA-CDPQ2010NP-5R6M-160 Datasheet
244Kb / 4P
   SMD Power Inductor
CDPQ2010NP-5R6M-160 SUMIDA-CDPQ2010NP-5R6M-160 Datasheet
269Kb / 4P
   SMD Power Inductor
More results

Descripción similar - CDPQ2010NP-5R6MC-180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDRH50D20 SUMIDA-CDRH50D20 Datasheet
245Kb / 4P
   Ferrite drum core construction, Magnetically shielded
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
CDEIR6D31F SUMIDA-CDEIR6D31F_11 Datasheet
134Kb / 4P
   Ferrite core construction.
CDEP104 SUMIDA-CDEP104_11 Datasheet
182Kb / 5P
   Ferrite core construction.
CDEP85 SUMIDA-CDEP85_11 Datasheet
185Kb / 6P
   Ferrite core construction.
CDPH28D11F SUMIDA-CDPH28D11F_12 Datasheet
179Kb / 4P
   Ferrite core construction.
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com